Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 22 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 22 Page - ams AG

Back Button AS8846 Datasheet HTML 18Page - ams AG AS8846 Datasheet HTML 19Page - ams AG AS8846 Datasheet HTML 20Page - ams AG AS8846 Datasheet HTML 21Page - ams AG AS8846 Datasheet HTML 22Page - ams AG AS8846 Datasheet HTML 23Page - ams AG AS8846 Datasheet HTML 24Page - ams AG AS8846 Datasheet HTML 25Page - ams AG AS8846 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 22 of 35
Three -Wire
µP-Interface
Data transfer from the microprocessor or PC to the AS8446 and vice versa is accomplished by means of Three-Wire Interface.
The Three-Wire Interface of the AS8446 acts generally in slave mode. The master in the whole regulator board is either the
controlling
µP (normal regulator module in volume production) or a PC (development or field programming mode e.g. to realize
the EMC optimization).
All registers (see section Summary of all programmable registers (parameters, functions)) can be written and read by the
Three-Wire Interface.
Pin DATAout is high ohmic if the Three-Wire Interface chip select signal CS is not active (high).
During an over voltage situation the write access to the Three-Wire Interface is blocked.
Physical Interface
Supported modes, and bit order are shown in Figure 10 and Figure 11.
The DATAin signal must be valid with the rising edge of the clock Clk, the DATAout is valid with the falling edge of
the clock Clk.
The clock frequency should be as low as useful in the particular application. It is recommended not to use a clock
frequency fclk higher than 10 MHz.
The MSB is always transmitted / received first.
LSB
CS
Clk
DATAin
DATAout
HEADER
DATA
MSB
>30 us
first frame
next
frame
LSB
MSB
>0.1 us
>30 us
Figure 10
Physical Interface of Three-Wire Interface in write mode
LSB
CS
Clk
DATAin
DATAout
HEADER
DATA
MSB
LSB
>30 us
first frame
next
frame
MSB
>30 us
Figure 11
Physical Interface of Three-Wire Interface in read mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com