Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 23 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 23 Page - ams AG

Back Button AS8846 Datasheet HTML 19Page - ams AG AS8846 Datasheet HTML 20Page - ams AG AS8846 Datasheet HTML 21Page - ams AG AS8846 Datasheet HTML 22Page - ams AG AS8846 Datasheet HTML 23Page - ams AG AS8846 Datasheet HTML 24Page - ams AG AS8846 Datasheet HTML 25Page - ams AG AS8846 Datasheet HTML 26Page - ams AG AS8846 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 23 of 35
Communication Protocol
The Three-Wire Interface -interface acts as communication interface between the µP or PC and the registers within the AS8446.
For efficient register access, a protocol has been defined with the following features:
Purely master-slave protocol with µP or PC as master
Two different frames: One read and one write frame
Frame is delimited by the status of CS (CS = frame delimiter or chip select signal), one frame consists of 16 Bits (header byte
and data byte).
Special remark for interface lock condition: If a frame does not consist of 16 bits (can be caused e.g. by spiking, noise or
interrupt), the interface will be locked. In order to leave this lock situation CS = high and one or several clock pulses must be
set. Setting CS = high alone will not be sufficient.
Referring to Figure 10 and Figure 11, a Clk pulse with CS = high must be set in order to reset the interface and to ensure a safe
communication.
Data Fields
HEADER H
MSB
H
LSB
R/W
-
-
A4A3A2
A1A0
A4, A3, A2, A1, A0: Address A (Register address to read or to write)
R/W = MSB, A0 = LSB.
R/W: Read or Write
R/W =0: Read (Data are read/transmitted from the AS8446 via the DATAout pin.)
R/W =1: Write (Data are write/transmitted from the µP or PC to the AS8446 via the DATAin pin.)
DATA D
MSB
D
LSB
D7
D6
D5
D4
D3
D2
D1
D0
D7…D0: Data (Denotes the data of the register addressed. D7=MSB, D0=LSB)
Note:
To ensure a correct register setting the use of µP based verification (Write, Read-Back, Verify) is mandatory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com