Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 6 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 6 Page - ams AG

Back Button AS8846 Datasheet HTML 2Page - ams AG AS8846 Datasheet HTML 3Page - ams AG AS8846 Datasheet HTML 4Page - ams AG AS8846 Datasheet HTML 5Page - ams AG AS8846 Datasheet HTML 6Page - ams AG AS8846 Datasheet HTML 7Page - ams AG AS8846 Datasheet HTML 8Page - ams AG AS8846 Datasheet HTML 9Page - ams AG AS8846 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 6 of 35
General Application Diagram
Vbat
M
TP
Wake-up
Vbat
VSS
Iref
VDDctrl
VDD
CP2
CP1
Vpump
OUT
CS
CMP
DATAout
CMN
FAIL
PWM
25
26
24
23
22
21
20
19
18
17
16
CLK
DATAin
Tst1
Tst2
27
28
RESET
1
D1
Cbat
Tr1
CP12
CP0
VDD = 5 V
Rref
R
NTC
R
T1
M+
M-
GND_P
Power part
Control part
15
2
3
4
5
6
7
8
9
10
11
12
13
14
VMO
ADC
WD
µP
Q1
OSC1
OSC2
PWMout
VDD
GND
(optional)
Tst3
n.c.
CLK
CS
INR
ANA
Port1
Port2
SPIout
SPIin
RESET
Tout
GND_P
VSS
Figure 3
General Board Diagram of a complete PWM DC Motor Regulator
Remarks:
a)
The communication between the AS8446 and the controlling
µP is realized via the Three-Wire Interface
b)
The communication of the whole motor regulator module with the environment can be realized in different ways:
1. low voltage 5 V digital input using a digital
µP port
2. low voltage 5 V analog output using an analog ADC input of the
µP
c)
The EMC parameters to optimize the EMC behavior of the whole regulator system can be stored in the program of the
µP
and transmitted to the AS8446 via Three-Wire Interface during start up of the system.
d)
The customer has free choice of the
µP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com