Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 27 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 27 Page - ams AG

Back Button AS8846 Datasheet HTML 23Page - ams AG AS8846 Datasheet HTML 24Page - ams AG AS8846 Datasheet HTML 25Page - ams AG AS8846 Datasheet HTML 26Page - ams AG AS8846 Datasheet HTML 27Page - ams AG AS8846 Datasheet HTML 28Page - ams AG AS8846 Datasheet HTML 29Page - ams AG AS8846 Datasheet HTML 30Page - ams AG AS8846 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 27 of 35
Charge Pump and internal Oscillator
The charge pump is a one-stage pump that generates a pumped voltage Vpump about 10 V higher than the supply voltage Vbat
for Vbat > 13.5 V. It uses two external capacitors only, the capacitor Cp12 as the switched capacitor and Cp0 as the storage
capacitor.
The pumped voltage (Vpump - Vbat) is monitored to detect over or under voltages (protection of the power FET gate):
(Vpump - Vbat) = 10 V to 12 V : Normal voltage regulation of the charge pump
(Vpump - Vbat) < (Vpump - Vbat)low : The digital signal VPok is indicating this under voltage and disabling the power FET driver.
The threshold value (Vpump - Vbat)low can be programmed to be 6 V or 4 V (VPUMP_MIN).
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
Pumped voltage
Vpump - Vbat
10
10.5
12
V
Vbat = 13.5 V, Iload = 5 mA
Pumped voltage
Vpump - Vbat
4.0
5.0
V
Vbat = 6.5 V, Iload = 2.5 mA
Pumped voltage
Vpump - Vbat
4.0
V
6.0V
≤ Vbat < 6.5V (low-Battery-
mode), Iload = 250µA
Under voltage threshold
(VPUMP_MIN = 1)
(Vpump - Vbat)low
5.4
6.0
6.6
V
falling (Vpok)
Under voltage threshold
(VPUMP_MIN = 0)
(Vpump - Vbat)low
3.4
4.0
4.6
V
falling (Vpok)
regulated voltage
threshold
(Vpump - Vbat)high
10
10.5
12
V
rising
frequency
fpump
40
50
70
kHz
Motor Current Measurement Unit / Over Current Detection
The motor current measurement unit functions with an external current measurement resistor Rmeas in the
high side motor line. The chip has two measurement amplification channels with separately programmable amplification factors
AVmeas_normal = VA_current / (VCMp – VCMn) (analogue output A_current) and AVmeas_over = VA_overc / (VCMp – VCMn) (analogue output
A_overc). The maximal valid nominal analogue output voltage level VA_current and VA_overc of theses channels is 4.0 V (100%
value of the output voltage VA_current (nominal value).
In general, all programming possibilities can be used to build up a measurement system within the defined limits.
It is recommended to use a nominal differential voltage (VCMp – VCMn) > 50 mV to avoid larger tolerances of the amplification
factor caused by offset.
The programming of theses two amplification channels is usually realized in a way that the measurement range of the over
current measurement channel is wider than the normal current measurement channel.
In the whole system the analogue outputs A_current and A_overc are used via an ADC in the controlling
µP to regulate and
control the system. There is one exception only: The over current detection and protection is realized directly by the over
current measurement channel to be able to act very fast in case of an over current situation (short circuit).
The measurement unit contains a low pass filter to prevent wrong measurement if short transients of the measurement input
voltage occurs (cut-off frequency about 500 kHz).
The motor current measurement unit is endowed with an auto calibration procedure for the offset voltage. The motor current
respectively the measurement voltage (Vcmp - Vcmn) must be zero during this calibration.
This calibration is done after the start up of the system including the ready signal of the charge pump: power on reset signal
nPOR and Vpok = high starts the calibration. The calibration procedure needs about 200
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com