Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 18 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 18 Page - ams AG

Back Button AS8846 Datasheet HTML 14Page - ams AG AS8846 Datasheet HTML 15Page - ams AG AS8846 Datasheet HTML 16Page - ams AG AS8846 Datasheet HTML 17Page - ams AG AS8846 Datasheet HTML 18Page - ams AG AS8846 Datasheet HTML 19Page - ams AG AS8846 Datasheet HTML 20Page - ams AG AS8846 Datasheet HTML 21Page - ams AG AS8846 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 18 of 35
R7 = 0
à AV_TRIMM = 70
R7 = 1
à AV_TRIMM = 71
R7 = 2
à AV_TRIMM = 72
:
R7 = 10
à AV_TRIMM = 80
(default value)
R7 = 11
à AV_TRIMM = 81
:
R7 = 19
à AV_TRIMM = 89
R7 = 20
à AV_TRIMM = 90
R7 > 20
à AV_TRIMM = 90
Register write by: Three-Wire Interface
Register read by: Three-Wire Interface and current measurement unit
-
-
-
d4
d3
d2
d1
d0
R7<4:0>
AV_TRIMM
-
-
-
0101
0
start up values
R8 = 0
à AV_RANGE-norm = 1
(default value)
R8 = 1
à AV_RANGE-norm = 2
R8 = 2
à AV_RANGE-norm = 3
R8 = 3
à AV_RANGE-norm = 4
Register write by: Three-Wire Interface
Register read by: Three-Wire Interface and current measurement unit
---
---
d1
d0
R8<1:0>
AV_RANGE_norm
---
---
0
0
start up values
Threshold value of the internal over current detection
Def.: Vocmax = 4/5 * VDD
(typ. 4.0 V)
Vocstep = (4/5 * VDD) / 8
(typ. 0.5 V)
R9 = 0
à OVERC_level = Vocmax
(typ. 4.0 V)
R9 = 1
à OVERC_level = Vocmax – Vocstep
(typ. 3.5 V)
R9 = 2
à OVERC_level = Vocmax - 2*Vocstep
(typ. 3.0 V)
R9 = 3
à OVERC_level = Vocmax - 3*Vocstep
(typ. 2.5 V)
:
R9 = 7
à OVERC_level = Vocmax - 7*Vocstep
(typ. 0.5 V)
Register write by: Three-Wire Interface
Register read by: Three-Wire Interface and current measurement unit
-
-
-
-
-
d2
d1
d0
R9<2:0>
OVERC_level
---
--
0
1
1
start up values
Voltage amplification factor2 of the over current analogue measurement
output (A_overc)
R10 = 0
à AV_RANGE_over = 1 * 1/4
(default value)
R10 = 1
à AV_RANGE_over = 2 * 1/4
R10 = 2
à AV_RANGE_over = 3 * 1/4
R10 = 3
à AV_RANGE_over = 4 * 1/4
Register write by: Three-Wire Interface
Register read by: Three-Wire Interface and current measurement unit
---
---
d1
d0
R10<1:0>
AV_RANGE_over
---
---
0
0
start up values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com