Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 30 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 30 Page - ams AG

Back Button AS8846 Datasheet HTML 26Page - ams AG AS8846 Datasheet HTML 27Page - ams AG AS8846 Datasheet HTML 28Page - ams AG AS8846 Datasheet HTML 29Page - ams AG AS8846 Datasheet HTML 30Page - ams AG AS8846 Datasheet HTML 31Page - ams AG AS8846 Datasheet HTML 32Page - ams AG AS8846 Datasheet HTML 33Page - ams AG AS8846 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 30 of 35
Battery Voltage Monitor and Over / Under Voltage Detection
The Battery voltage monitor has to deliver an analog voltage Vbat_mon in the 5V range which is proportional to the high voltage
supply Vbat (normally VDDH = Vbat). The measurement range of the supply voltage Vbat is programmable via the register
R11<2:0> to adapt the AS8446 to different application supply voltages.
Programming of the MEASUREMENT RANGE of Vbat (programmed by register R11<2:0>
à VBAT_RANGE)
PARAMETER
Programming Register R11
SYMBOL
MIN
MAX
UNIT
NOTE
R11= 0
à VBAT_RANGE = 5
Vbatmax1
20
V
R11= 1
à VBAT_RANGE = 8
Vbatmax2
32
V
R11= 2
à VBAT_RANGE = 10
Vbatmax3
40
V
R11= 3
à VBAT_RANGE = 15
Vbatmax4
60
V
Programmable
Measurement
Voltage Ranges
of Vbat
R11= 4
à VBAT_RANGE = 20
Vbatmax5
80
V
(1)
Note (1):
The programmable value of VBAT_RANGE determines the max. value of Vbat measurable by the voltage
monitor (condition: Vbat / VBAT_RANGE < 4 V).
Note (2):
VBAT must not exceed the specified abs. Max. ratings (see Table 3)
PARAMETER
SYMBOL
MIN
MAX
UNIT
NOTE
Tolerance of the division factor
∆VBAT_RANGE
- 6
+ 6
%
Tolerance of the programmed over voltage threshold
∆Vovervolt
-10
+10
%
Tolerance of the programmed ounder voltage threshold
∆Vundervolt
-10
+10
%
a)
Programming of the OVER VOLTAGE detection level of Vbat (programmed by register R12<2:0>
à OVER_VOLT and
R11<2:0>
à VBAT_RANGE)
Remark:
The maximum over voltage limit of Vbat for safe functionality of AS8446 is limited to Vbat < 30 V
and must be respected by appropriate programming.
Programmable steps of OVER_VOLT = 0.25 V * VBAT_RANGE = (1.25 or 2.0 or 2.5 or 3.75 or 5.0 ) V
OVER_VOLT = 0.25 V * VBAT_RANGE * (R12 + 9) = 11.25 V ... 80 V
During an over voltage situation the write access to the Three Wire Interface is blocked and the driver is
switched off.
b)
Programming of the UNDER VOLTAGE detection level of Vbat (programmed by register R13<2:0>
à UNDER_VOLT
and R11<2:0>
à VBAT_RANGE)
Remark:
The minimium Vbat for full functionality of AS8446 is limited to Vbat > 6.5 V (except for Low-battery-
mode reduced functionality is still given between 6V and 6.5V, see Table 4 Operating Conditions).
Programmable steps of UNDER_VOLT = 0.25 V * VBAT_RANGE = (1.25 or 2.0 or 2.5 or 3.75 or 5.0 ) V
UNDER_VOLT = 0.25 V * VBAT_RANGE * (R13 + 1) = 1.25 V ... 40 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com