Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 16 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 16 Page - ams AG

Back Button AS8846 Datasheet HTML 12Page - ams AG AS8846 Datasheet HTML 13Page - ams AG AS8846 Datasheet HTML 14Page - ams AG AS8846 Datasheet HTML 15Page - ams AG AS8846 Datasheet HTML 16Page - ams AG AS8846 Datasheet HTML 17Page - ams AG AS8846 Datasheet HTML 18Page - ams AG AS8846 Datasheet HTML 19Page - ams AG AS8846 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 16 of 35
Summary of all programmable registers (parameters, functions)
Register /
address
Internal name
Meaning
Note
Ra<b1:b0> means: address = a, most significant data bit = b1, least significant data bit = b0
All registers can be write and read by the Three-Wire Interface (write priority has the Three-Wire Interface).
1. The start up reset of all registers unless the R17 and the R18 is done by the signal nPOR (controlled by the VDD).
2. The start up reset of the register R17 is done by the nPORraw (controlled by the voltage VDDraw) only.
3. The start up reset of the register R18 (failure register) is done with a delay after the nPOR, this delay is generated
by the enable signal of the charge pump VPok.
Programming of the driver output currents (independent for switch on and switch off)
R0<7:0>
Not used
Slew rate regulation programming, on switch,
voltage VVmo dependent driver output current for positive VVMO voltage
SRon = 0, 1, 2, … 31
ISRon = VVmo * Acu_on * SRon * K1
VVMO > 0
Register write by: Three Wire Interface
Register read by: Three Wire Interface and FET driver unit
-
-
-
d4
d3
d2
d1
d0
R1<4:0>
SRon
-
-
-
1111
1
start up values
Slew rate regulation programming, on switch,
constant driver output current
SRon_stat = 0, 1, 2, … 31
ISRon_stat = 2.0
µA * (SRon_stat + 1) * Acu_on
Register write by: Three Wire Interface
Register read by: Three Wire Interface and FET driver unit
-
-
-
d4
d3
d2
d1
d0
R2<4:0>
SRon_stat
-
-
-
1111
1
start up values
Slew rate regulation programming, on switch,
voltage VVMO dependent driver output current for negative VVMO voltage
SRon_min = 0, 1, 2, …7
ISRon_min = VVmo * (SRon_min + 1) *Acu_on * K2
VVMO < 0
Register write by: Three Wire Interface
Register read by: Three Wire Interface and FET driver unit
-
-
-
-
-
d2
d1
d0
R3<2:0>
SRon_min
---
--
1
1
1
start up values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com