Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 9 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 9 Page - ams AG

Back Button AS8846 Datasheet HTML 5Page - ams AG AS8846 Datasheet HTML 6Page - ams AG AS8846 Datasheet HTML 7Page - ams AG AS8846 Datasheet HTML 8Page - ams AG AS8846 Datasheet HTML 9Page - ams AG AS8846 Datasheet HTML 10Page - ams AG AS8846 Datasheet HTML 11Page - ams AG AS8846 Datasheet HTML 12Page - ams AG AS8846 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 9 of 35
Wake-up system
Parameter
Pin type
Symbol
Min
Max
Unit
Note
Low Level Input Voltage
VIL
-8
0.4 * Vbat
V
High Level Input Voltage
VIH
0.6 * Vbat
Vbat
V
Input Hysteresis
HV AIO
VHYS
0.05 * Vbat
0.1 * Vbat
V
VIH - VIL
Table 9
Wake-up system signal parameter
Start up Behavior
Figure 4
Start up and sleep mode behavior of AS8446 (simplified timing)
Vbat
nPORraw
nPOR
VPok
Mcalib
Wake-up
(VDDraw)
(VDD)
(Charge
pump enable)
(calibration
ready)
14 V
4.3 V
5.0 V
100 us … 500 us
time is user defined by LIN wake up
200 us
Charge pump
start up
system enable
(normal work)
SPI sends 1 to
R17 (sleep)
sleep mode
300 us
t=t1
t
t2
t3
t4
t5
SPI communication possible
300 us
Sleep R17
not
defined
Failure R18
14 V
not defined
5.0 V
not
defined
Registers
R1 to R16
defined
(start-up)
defined by SPI and/or
failure detection units
not defined
sleep mode
new system
start-up
t= t1 +T
defined by SPI
first system start-up (connection of Vbat to the system)
defined
(start-up)
sleep mode
driver enable
RESET
5.0 V
4.3 V
4.3 V
20 us
possible RESET by watch dog
redefined
(start-up)
RESET by nPOR
RESET by nPOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com