Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 20 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 20 Page - ams AG

Back Button AS8846 Datasheet HTML 16Page - ams AG AS8846 Datasheet HTML 17Page - ams AG AS8846 Datasheet HTML 18Page - ams AG AS8846 Datasheet HTML 19Page - ams AG AS8846 Datasheet HTML 20Page - ams AG AS8846 Datasheet HTML 21Page - ams AG AS8846 Datasheet HTML 22Page - ams AG AS8846 Datasheet HTML 23Page - ams AG AS8846 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 20 of 35
Programming of the analog MUX
R15 = 0
à A_current
(normal current measurement channel)
R15 = 1
à A_overc
(over current measurement channel)
R15 = 2
à Vbat_mon
(Vbat measurement channel)
R15 = 3
à TP
(temperature measurement channel)
The following signals can be given at the ADC output for chip test
purposes:
R15 = 4
à Vtemp
(temperature voltage of the internal sensor)
R15 = 5
à PVover
(Over voltage Vbat signal)
R15 = 6
à PVunder
(Under voltage Vbat signal)
R15 = 7
à PTover_in
(Over temperature signal, internal)
R15 = 8
à PTover_ex
(Over temperature signal, external)
Register write by: Three-Wire Interface
Register read by: Three-Wire Interface and analog MUX
---
-
d3
d2
d1
d0
R15<3:0>
ADC_CH
---
-
0
0
00
start up values
Note:
Do not switch the analog MUX during operation!
Programming of the watch dog
R16 = 0
à watch dog is off (watch dog not used)
R16 =1
à watch dog is on (watch dog used)
Register write by: Three-Wire Interface
Register read by: Three-Wire Interface and watch dog
---
----
d0
R16<0:0>
WATCH_D
---
----
0
start up values
Programming of the sleep mode
R17 = 0
à no sleep mode (normal operation)
R17 = 1
à sleep mode (power down)
Register reset to low by the Wake-up Interface.
Wake-up = low (high / low edge)
à R17<0:0> set to low
---
----
d0
R17<0:0>
SLEEP
---
----
1
start up values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com