Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 8 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 8 Page - ams AG

Back Button AS8846 Datasheet HTML 4Page - ams AG AS8846 Datasheet HTML 5Page - ams AG AS8846 Datasheet HTML 6Page - ams AG AS8846 Datasheet HTML 7Page - ams AG AS8846 Datasheet HTML 8Page - ams AG AS8846 Datasheet HTML 9Page - ams AG AS8846 Datasheet HTML 10Page - ams AG AS8846 Datasheet HTML 11Page - ams AG AS8846 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 8 of 35
Characteristics for Analog and Digital Inputs and Outputs
CMOS LV Digital Input
Pins: Clk, DATAin, CS, PWM, WD
Parameter
Symbol
Min
Max
Unit Note
High Level Input Voltage
VIH
0.7 * VDD
V
Low Level Input Voltage
VIL
0.3 * VDD
V
Input Leakage Current
ILEAK
-1
1
µA
pull-up/down current for inputs with
pull-up/down typ. 60µA
Table 6
CMOS Input parameters
CMOS LV Digital Output
Pins: RESET, DATAout, FAIL
Parameter
Symbol
Min
Max
Unit Note
High Level Output Voltage
VOH
VDD -0.5
V
CLOAD = 50 pF
Low Level Output Voltage
VOL
VSS +0.4
V
CLOAD = 50 pF
Table 7
CMOS Output parameters
Analog Signals Input / Output
Pins: Vpump, CP1, CP2, OUT, CMP, CMN, VMO, ADC, TP, Iref
Parameter, Pin Name
Pin type
Symbol
Min
Typ
Max
Unit Note
Charge Pump Voltage, pin: Vpump
HV S
Vpump
Vbat + 6
Vbat + 4
Vbat
+ 10
Vbat + 14
V
(1)
Charge pump switched capacitor
voltage, pin: CP1
HV AIO
VCP1
VSS
Vbat
V
Charge pump switched capacitor
voltage, pin: CP2
HV AIO
VCP2
VSS
Vbat + 14
V
HS driver source current, pin: OUT
HV AO
Iout_p
-500
mA
(2)
HS driver sink current, pin: OUT
HV AO
Iout_n
500
mA
(2)
Motor current measurement inputs,
Common mode range, pins: CMP, CMN
HV AI
VCMP, VCMN
-1.5
Vbat
V
Motor voltage input, pin: VMO
HV AI
VVMO
-1.5
Vbat
V
Analog measurement output voltage,
pin: ADC
LV AO
VA_current
0
VDD
V
Multiplexed analog
output (3)
External temperature sensor input,
threshold voltage, pin: TP
LV AI
VTP_th
00.5
VDD
VDD
V
Threshold voltage:
VDD / 2
Reference current generation voltage,
pin: Iref
LV AI
Vref
1.0
V
(4)
Note (1):
external capacitors CP1/2 = 100 nF, CP0 = 400 nF recommended;
on chip Vpump monitoring and protection: Vpump_min = (Vbat + 6 V) or (Vbat + 4 V), programmable
Note (2):
typical rise/ fall time at the external Power MOSFET source: 0.2 µs to 0.5 µs,
independently programmable rise and fall times, voltage range of the voltage VOUT = 0 … Vpump
Note (3):
Multiplexed output (controlled by register R15<3:0> = ADC_CH, see section Summary of all programmable
registers (parameters, functions) Full motor current measurement range corresponds to VADC = 4.0 V. Multiplexed output
must not be switched during operation!
Note (4):
regulated voltage Vref = 1.0 V, external resistor Rref = 22 k
Ω must be connected to generate the 45 µA
reference current. Use Pin Iref to connect Rref only.
Table 8
Analog signal parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com