Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8846 Datasheet(PDF) 29 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 29 Page - ams AG

Back Button AS8846 Datasheet HTML 25Page - ams AG AS8846 Datasheet HTML 26Page - ams AG AS8846 Datasheet HTML 27Page - ams AG AS8846 Datasheet HTML 28Page - ams AG AS8846 Datasheet HTML 29Page - ams AG AS8846 Datasheet HTML 30Page - ams AG AS8846 Datasheet HTML 31Page - ams AG AS8846 Datasheet HTML 32Page - ams AG AS8846 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 29 of 35
Examples:
AV_RANGE_over = 1/4:
ACMV_over = 17.5, 17.75, 18, … , 20, … , 22.25 , 22.5
AV_RANGE_over = 4/4:
ACMV_over = 70, 71, 72, …, 80, … , 89, 90
The adjustment (trimming) of the measurement resistor Rmeas is realized by the same programming parameter AV_TRIMM (+
12.5%) like in a).
The maximal output voltage of the over current amplification channel VA_overc (this is the nominal input voltage of the ADC on the
µP) must be 4.0 V.
The threshold value of the over current detection can be programmed by the programming parameters OVERC_level (in
conjunction with AV_RANGE_over and AV_TRIMM) in the following way.
The voltage over the external measurement resistor where the over current situation is detected (Vmeas_over) is given by:
Vmeas_over = OVERC_level / (AV_TRIMM * AV_RANGE_over)
with OVERC_level = 0.5 V, 1.0 V, 1.5 V, … 4.0 V
See also section Summary of all programmable registers (parameters, functions) for the programming of the parameters
above.
PARAMETER
SYMBOL
MIN
MAX
UNIT
NOTE (Programming, nominal amplification)
- 6
+ 6
%
Vmeas = 50 mV, R8 = 0
à 80
- 10
+ 10
%
Vmeas = 25 mV, R8 = 1
à 160
- 20
+ 20
%
Vmeas = 16.67mV, R8 = 2
à 240
Tolerance of voltage
amplification, normal
current measurement
channel 1)
∆ACMV_normal
- 20
+ 20
%
Vmeas = 12.5 mV, R8 = 3
à 360
- 6
+ 6
%
Vmeas = 200 mV, R10 = 0
à 20
- 6
+ 6
%
Vmeas = 100 mV, R10 = 1
à 40
- 6
+ 6
%
Vmeas = 60.6 mV, R10 = 2
à 60
Tolerance of voltage
amplification, over
current measurement
channel 1)
∆ACMV_over
- 6
+ 6
%
Vmeas = 50 mV,
R10 = 3
à 80
Tolerance of linearity
ACMV_normal
∆lincurrent
- 3
+ 3
%
((
∆VA_current / ∆Vmeas_nom ) - ACMV_normal ) / ACMV_normal
Tolerance of linearity
ACMV_overc
∆linoverc
- 3
+ 3
%
((
∆VA_overc / ∆Vmeas_nom ) - ACMV_overc ) / ACMV_overc
Tolerance of over
current thresholds
∆overclevel
- 10
+ 10
%
R10 = 0, R9
≤ 3, Tamb > 25 oC
Tolerance of over
current thresholds
∆overclevel
- 20
+ 10
%
R10 = 0, R9
≤ 3, Tamb = -40 oC
Tolerance of over
current thresholds
∆overclevel
- 20
+ 20
%
R10 = 0, R9 > 3, Tamb = (-40 to 125) oC
Cut off frequency
fcut-off
400
800
kHz
Note (1):
The offset voltage of the current measurement unit at calibration temperature Vmeas_offset is < 1.5 mV
(typical: 0.5 mV), the maximal offset temperature drift is + 20
µV / K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com