Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 12Page - NXP Semiconductors MMA8652FC Datasheet HTML 13Page - NXP Semiconductors MMA8652FC Datasheet HTML 14Page - NXP Semiconductors MMA8652FC Datasheet HTML 15Page - NXP Semiconductors MMA8652FC Datasheet HTML 16Page - NXP Semiconductors MMA8652FC Datasheet HTML 17Page - NXP Semiconductors MMA8652FC Datasheet HTML 18Page - NXP Semiconductors MMA8652FC Datasheet HTML 19Page - NXP Semiconductors MMA8652FC Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
MMA8652FC
Sensors
16
Freescale Semiconductor, Inc.
The Transient Detection function can be routed to either interrupt pin through bit 5 in CTRL_REG5 register (0x2E). Registers
0x1D – 0x20 are the dedicated Transient Detection configuration registers. The source register contains directional data to
determine the direction of the acceleration (either positive or negative).
5.8
Tap detection
The MMA8652FC has embedded single/double and directional tap detection.
•
The tap detection function has various customizing timers, for setting the pulse time width and the latency time between
pulses. There are programmable thresholds for all three axes.
•
The tap detection can be configured to run through the high-pass filter and also through a low-pass filter, which provides
more customizing and tunable tap detection schemes.
•
The status register provides updates on the axes where the event was detected and the direction of the tap.
5.9
Orientation detection
The MMA8652FC incorporates an advanced orientation detection algorithm with the ability to detect all six orientations shown in
Figure 6. The embedded algorithm uses configurable trip points, allowing the selection of the desired midpoint and hysteresis
value (see Figure 7).
Figure 6. Sensitive axes orientation
Top View
PORTRAIT UP
Earth Gravity
Pin 1
Xout @ 0 g
Yout @ –1 g
Zout @ 0 g
Xout @ 1 g
Yout @ 0 g
Zout @ 0 g
Xout @ 0 g
Yout @ 1 g
Zout @ 0 g
Xout @ –1 g
Yout @ 0 g
Zout @ 0 g
LANDSCAPE LEFT
PORTRAIT DOWN
LANDSCAPE RIGHT
Side View
FRONT
Xout @ 0 g
Yout @ 0 g
Zout @ 1 g
BACK
Xout @ 0 g
Yout @ 0 g
Zout @ –1 g
X
Y
Z
Pin 1
(Top View)
Direction of the
Detectable Accelerations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com