Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 29 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 25Page - NXP Semiconductors MMA8652FC Datasheet HTML 26Page - NXP Semiconductors MMA8652FC Datasheet HTML 27Page - NXP Semiconductors MMA8652FC Datasheet HTML 28Page - NXP Semiconductors MMA8652FC Datasheet HTML 29Page - NXP Semiconductors MMA8652FC Datasheet HTML 30Page - NXP Semiconductors MMA8652FC Datasheet HTML 31Page - NXP Semiconductors MMA8652FC Datasheet HTML 32Page - NXP Semiconductors MMA8652FC Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
29
6.5
System status and ID registers
6.5.1
0x0B: SYSMOD System Mode register
The System mode register indicates the current device operating mode. Applications using the Auto-SLEEP/WAKE mechanism
should use the SYSMOD register to synchronize the application with the device operating mode transitions. The SYSMOD register
also indicates:
•
the status of the FIFO gate error
•
and the number of samples since the gate error occurred.
6.5.2
0x0C: INT_SOURCE System Interrupt Status register
In the interrupt source register, the status of the various embedded features can be determined.
•
The bits that are set (logic ‘1’) indicate which function has asserted an interrupt.
•
The bits that are cleared (logic ‘0’) indicate which function has not asserted (or has deasserted) an interrupt.
INT_SOURCE register bits are set by a low-to-high transition, and are cleared by reading the appropriate interrupt source register.
For example, the SRC_DRDY bit is cleared when the ZYXDR bit (STATUS register) is cleared, but the SRC_DRDY bit is not
cleared by simply reading the STATUS register (0x00), but is cleared by reading all the X, Y, and Z MSB data.
Table 23. 0x0B SYSMOD: System Mode register (Read-Only)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FGERR
FGT_4
FGT_3
FGT_2
FGT_1
FGT_0
SYSMOD1
SYSMOD0
Table 24. SYSMOD register
Bit(s)
Field
Description
7FGERR
FIFO Gate Error
0 No FIFO Gate Error detected. (default)
1 FIFO Gate Error was detected.
Emptying the FIFO buffer clears the FGERR bit in the SYS_MOD register.
For more information about configuring the FIFO Gate function, see Section 6.12.3, “0x2C: CTRL_REG3
Interrupt Control register”.
6–2
FGT[4:0]
Number of ODR time units since FGERR was asserted.
Reset when FGERR bit is cleared.
0_0000 (default)
1–0
SYSMOD[1:0]
System Mode
00 STANDBY mode (default)
01 WAKE mode
10 SLEEP mode
Table 25. 0x0C INT_SOURCE: System Interrupt Status register (Read Only)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SRC_ASLP
SRC_FIFO
SRC_TRANS
SRC_LNDPRT
SRC_PULSE
SRC_FF_MT
—
SRC_DRDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com