Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 55 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 51Page - NXP Semiconductors MMA8652FC Datasheet HTML 52Page - NXP Semiconductors MMA8652FC Datasheet HTML 53Page - NXP Semiconductors MMA8652FC Datasheet HTML 54Page - NXP Semiconductors MMA8652FC Datasheet HTML 55Page - NXP Semiconductors MMA8652FC Datasheet HTML 56Page - NXP Semiconductors MMA8652FC Datasheet HTML 57Page - NXP Semiconductors MMA8652FC Datasheet HTML 58Page - NXP Semiconductors MMA8652FC Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 65 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
55
6.12.3
0x2C: CTRL_REG3 Interrupt Control register
CTRL_REG3 register is used to control the Auto-WAKE/SLEEP function by setting the orientation or Freefall/Motion as an
interrupt to wake. CTRL_REG3 register also configures the interrupt pins INT1 and INT2.
Table 101. MODS Oversampling modes averaging values at each ODR
ODR
(Hz)
Mode
Normal (00)
Low Noise Low Power (01)
High Resolution (10)
Low Power (11)
Current
μA OS Ratio
Current
μA
OS Ratio
Current
μA OS Ratio Current μA OS Ratio
1.56
27
128
9
32
184
1024
6.5
16
6.25
27
32
9
8
184
256
6.5
4
12.5
27
16
9
4
184
128
6.5
2
50
27
4
27
4
184
32
15
2
100
49
4
49
4
184
16
26
2
200
94
4
94
4
184
8
49
2
400
184
4
184
4
184
4
94
2
800
184
2
184
2
184
2
184
2
Table 102. 0x2C CTRL_REG3 register (Read/Write)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FIFO_GATE
WAKE_TRANS
WAKE_LNDPRT
WAKE_PULSE
WAKE_FF_MT
0
IPOL
PP_OD
Table 103. CTRL_REG3 register
Bit(s)
Field
Description
7FIFO_GATE
FIFO Gate
0 FIFO gate is bypassed. (default)
FIFO is flushed upon the system mode transitioning from WAKE to SLEEP mode or from SLEEP to WAKE
mode.
1 The FIFO input buffer is blocked when transitioning from WAKE to SLEEP mode or from SLEEP to WAKE
mode, until the FIFO is flushed. Although the system transitions from WAKE to SLEEP or from SLEEP to
WAKE—the contents of the FIFO buffer are preserved, and new data samples are ignored until the FIFO is
emptied by the host application.
If the FIFO_GATE bit is set to 1 and the FIFO buffer is not emptied before the arrival of the next sample,
then the FGERR bit in the SYS_MOD register (0x0B) will be asserted. The FGERR bit remains asserted as
long as the FIFO buffer remains un-emptied. Emptying the FIFO buffer clears the FGERR bit in the
SYS_MOD register.
6
WAKE_TRANS
Wake from Transient interrupt
0 Transient function is bypassed in SLEEP mode. (default)
1 Transient function interrupt can wake up system
5
WAKE_LNDPRT
Wake from Orientation interrupt
0 Orientation function is bypassed in SLEEP mode. (default)
1 Orientation function interrupt can wake up system
4
WAKE_PULSE
Wake from Pulse interrupt
0 Pulse function is bypassed in SLEEP mode. (default)
1 Pulse function interrupt can wake up system
3
WAKE_FF_MT
Wake from Freefall/Motion interrupt
0 Freefall/Motion function is bypassed in SLEEP mode. (default)
1 Freefall/Motion function interrupt can wake up
20
1IPOL
Interrupt polarity
Selects the polarity of the interrupt signals.
When IPOL is 0 (default value), any interrupt event is signaled with a logical 0.
0 ACTIVE low (default)
1 ACTIVE high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com