Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 47 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 43Page - NXP Semiconductors MMA8652FC Datasheet HTML 44Page - NXP Semiconductors MMA8652FC Datasheet HTML 45Page - NXP Semiconductors MMA8652FC Datasheet HTML 46Page - NXP Semiconductors MMA8652FC Datasheet HTML 47Page - NXP Semiconductors MMA8652FC Datasheet HTML 48Page - NXP Semiconductors MMA8652FC Datasheet HTML 49Page - NXP Semiconductors MMA8652FC Datasheet HTML 50Page - NXP Semiconductors MMA8652FC Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
47
6.10.3
0x23 – 0x25: PULSE_THSX, Y, Z Pulse Threshold for X, Y and Z registers
The pulse threshold can be set separately for the X, Y, and Z axes. The PULSE_THSX, PULSE_THSY and PULSE_THSZ
registers define the threshold that is used by the system to start the pulse detection procedure.
•
The threshold values range from 1 to 127, with steps of 0.63 g/LSB at a fixed ±8 g acceleration range, thus the minimum
resolution is always fixed at 0.063 g/LSB.
•
The PULSE_THSX, PULSE_THSY and PULSE_THSZ registers define the threshold which is used by the system to start
the pulse detection procedure.
•
The threshold value is expressed over seven bits as an unsigned number.
Table 71. 0x23 PULSE_THSX register (Read/Write)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
THSX6
THSX5
THSX4
THSX3
THSX2
THSX1
THSX0
Table 72. PULSE_THSX register
Bit(s)
Field
Description
6–0
THSX[6:0]
Pulse threshold on X-axis
000_0000 (default)
Table 73. 0x24 PULSE_THSY register (Read/Write)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
THSY6
THSY5
THSY4
THSY3
THSY2
THSY1
THSY0
Table 74. PULSE_THSY register
Bit(s)
Field
Description
6–0
THSY[6:0]
Pulse threshold on Y-axis
000_0000 (default value)
Table 75. 0x25 PULSE_THSZ register (Read/Write)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
THSZ6
THSZ5
THSZ4
THSZ3
THSZ2
THSZ1
THSZ0
Table 76. PULSE_THSZ register
Bit(s)
Field
Description
6–0
THSZ[6:0]
Pulse threshold on Z-axis
000_0000 (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com