Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 5Page - NXP Semiconductors MMA8652FC Datasheet HTML 6Page - NXP Semiconductors MMA8652FC Datasheet HTML 7Page - NXP Semiconductors MMA8652FC Datasheet HTML 8Page - NXP Semiconductors MMA8652FC Datasheet HTML 9Page - NXP Semiconductors MMA8652FC Datasheet HTML 10Page - NXP Semiconductors MMA8652FC Datasheet HTML 11Page - NXP Semiconductors MMA8652FC Datasheet HTML 12Page - NXP Semiconductors MMA8652FC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
9
2.3
Electrical characteristics
Table 5. Electrical characteristics at VDD = 2.5 V, VDDIO = 1.8 V, T = 25°C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply voltage
VDD
1.95
2.5
3.6
V
Interface supply voltage
VDDIO
1.62
1.8
3.6
V
Low Power mode
IddLP
ODR = 1.563 Hz
6.5
μA
ODR = 6.25 Hz
6.5
ODR = 12.5 Hz
6.5
ODR = 50 Hz
15
ODR = 100 Hz
26
ODR = 200 Hz
49
ODR = 400 Hz
94
ODR = 800 Hz
184
Normal mode
Idd
ODR = 1.563 Hz
27
μA
ODR = 6.25 Hz
27
ODR = 12.5 Hz
27
ODR = 50 Hz
27
ODR = 100 Hz
49
ODR = 200 Hz
94
ODR = 400 Hz
184
ODR = 800 Hz
184
Boot-Up current
IddBoot
VDD = 2.5 V, the current during
the Boot sequence is integrated
over 0.5 ms, using a
recommended bypass cap
1mA
Value of capacitor on BYP pin
Cap
–40°C to 85°C
75
100
470
nF
Standby current
IddStby
25°C
1.4
5
μA
Digital high-level input voltage
SCL, SDA
VIH
VDD = 3.6 V, VDDIO = 3.6 V
0.7*VDDIO
V
Digital low-level input voltage
SCL, SDA
VIL
VDD = 1.95 V, VDDIO = 1.62 V
0.3*VDDIO
V
High-level output voltage
INT1, INT2
VOH
VDD = 3.6 V, VDDIO = 3.6 V,
IO = 500 μA
0.9*VDDIO
V
Low-level output voltage
INT1, INT2
VOL
VDD = 1.95 V, VDDIO = 1.62 V,
IO = 500 μA
0.1*VDDIO
V
Low-level output voltage
SDA
VOLS
IO = 3 mA
0.4
V
Output source current INT1, INT2
Isource
Voltage high level
VOUT = 0.9 x VDDIO
2mA
Output sink current INT1, INT2
Isink
Voltage high level
VOUT = 0.9 x VDDIO
3mA
Power-on ramp time
Tpr
0.001
1000
ms
Boot time
Tbt
Time from VDDIO on and
VDD > VDD min until I2C is
ready for operation,
Cbyp = 100 nf
350
500
µs
Turn-on time
Ton1
Time to obtain valid data from
Standby mode to Active mode
2/ODR + 1 ms
-
Turn-on time
Ton2
Time to obtain valid data from
valid voltage applied
2/ODR + 2 ms
-
Operating temperature range
TAGOC
–40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com