Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 8Page - NXP Semiconductors MMA8652FC Datasheet HTML 9Page - NXP Semiconductors MMA8652FC Datasheet HTML 10Page - NXP Semiconductors MMA8652FC Datasheet HTML 11Page - NXP Semiconductors MMA8652FC Datasheet HTML 12Page - NXP Semiconductors MMA8652FC Datasheet HTML 13Page - NXP Semiconductors MMA8652FC Datasheet HTML 14Page - NXP Semiconductors MMA8652FC Datasheet HTML 15Page - NXP Semiconductors MMA8652FC Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
MMA8652FC
Sensors
12
Freescale Semiconductor, Inc.
4
Modes of Operation
Figure 5. Operating modes for MMA8652FC
Some registers are reset when transitioning from STANDBY to ACTIVE. These registers are all noted in the device memory map
register table.
The SLEEP and WAKE modes are ACTIVE modes. For more information about how to use the SLEEP and WAKE modes and
how to transition between these modes, see Section 5.
Table 7. Operating modes
Mode
I2C Bus State
VDD
VDDIO
Description
OFF
Powered down
<1.8 V
VDDIO can be > VDD
• The device is powered off.
• All analog and digital blocks are shutdown.
•I2C bus inhibited.
STANDBY
I2C communication with
MMA8652FC is possible
ON
VDDIO = High
VDD = High
ACTIVE bit is cleared
• Only digital blocks are enabled.
• Analog subsystem is disabled.
• Internal clocks disabled.
ACTIVE
(WAKE/SLEEP)
I2C communication with
MMA8652FC is possible
ON
VDDIO = High
VDD = High
ACTIVE bit is set
All blocks are enabled (digital, analog).
SLEEP
WAKE
STANDBY
OFF
ACTIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com