Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 36 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 32Page - NXP Semiconductors MMA8652FC Datasheet HTML 33Page - NXP Semiconductors MMA8652FC Datasheet HTML 34Page - NXP Semiconductors MMA8652FC Datasheet HTML 35Page - NXP Semiconductors MMA8652FC Datasheet HTML 36Page - NXP Semiconductors MMA8652FC Datasheet HTML 37Page - NXP Semiconductors MMA8652FC Datasheet HTML 38Page - NXP Semiconductors MMA8652FC Datasheet HTML 39Page - NXP Semiconductors MMA8652FC Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
MMA8652FC
Sensors
36
Freescale Semiconductor, Inc.
Table 47, “Threshold angle thresholds look-up table,” on page 36 is a look-up table to set the threshold. This is the center value
that will be set for the trip point from portrait to landscape and from landscape to portrait. The default trip angle is 45° (0x10). The
default hysteresis is ±14°.
7–3
P_L_THS[7:3]
Portrait/Landscape trip threshold angle (from 15° to 75°)
See Table 47, “Threshold angle thresholds look-up table,” on
page 36 for the values with the corresponding approximate threshold
angle.
1_0000
(45°) (default)
For the landscape/portrait detection to work
correctly,
THS + HYS > 0
and THS + HYS < 32.
All angles are accurate to ±2°.
2–0
HYS[2:0]
Hysteresis value
This angle is added to the threshold angle, for a smoother transition
from portrait to landscape and landscape to portrait.
This angle ranges from 0° to ±24°.
100 (±14°) (default)
Table 47. Threshold angle thresholds look-up table
Threshold Angle
(approximately)
5-bit Register
Value
15°
0x07
20°
0x09
30°
0x0C
35°
0x0D
40°
0x0F
45°
0x10
55°
0x13
60°
0x14
70°
0x17
75°
0x19
Table 48. Trip angles with hysteresis for 45° angle
Hysteresis
Register Value
Hysteresis
± Angle Range
Landscape-to-Portrait
Trip Angle
Portrait-to-Landscape
Trip Angle
0
±0
45°
45°
1
±4
49°
41°
2
±7
52°
38°
3
±11
56°
34°
4
±14
59°
31°
5
±17
62°
28°
6
±21
66°
24°
7
±24
69°
21°
Table 46. P_L_THS_REG register (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com