Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 53 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 49Page - NXP Semiconductors MMA8652FC Datasheet HTML 50Page - NXP Semiconductors MMA8652FC Datasheet HTML 51Page - NXP Semiconductors MMA8652FC Datasheet HTML 52Page - NXP Semiconductors MMA8652FC Datasheet HTML 53Page - NXP Semiconductors MMA8652FC Datasheet HTML 54Page - NXP Semiconductors MMA8652FC Datasheet HTML 55Page - NXP Semiconductors MMA8652FC Datasheet HTML 56Page - NXP Semiconductors MMA8652FC Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
53
DR[2:0] bits select the Output Data Rate (ODR) for acceleration samples in WAKE mode. The default value is 000 for a data rate
of 800 Hz.
The ACTIVE bit selects between STANDBY mode and ACTIVE mode.
•
The F_Read bit selects between normal and Fast Read mode.
When selected, the auto-increment counter will skip over the LSB data bytes.
Data read from the FIFO will skip over the LSB data, reducing the acquisition time.
•
Note that F_READ can only be changed when FMODE = 00.
•
The F_READ bit applies for both the output registers and the FIFO.
Table 95. SLEEP mode rates
ASLP_RATE1
ASLP_RATE0
Frequency (Hz)
Notes
00
50
When the device is in Auto-SLEEP mode, the system ODR and the
data rate for all the system functional blocks are overridden by the data
rate set by the ASLP_RATE field.
0
1
12.5
1
0
6.25
1
1
1.56
Table 96. System output data-rate selection
DR2
DR1
DR0
ODR
(Hz)
Period
(ms)
Notes
0
0
0
800
1.25
default
0
0
1
400
2.5
0
1
0
200
5
0
1
1
100
10
1
0
0
50
20
1
0
1
12.5
80
1
1
0
6.25
160
1
1
1
1.56
640
Table 97. Full-Scale selection using ACTIVE bit
Active bit
Mode
0
STANDBY (default)
1ACTIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com