Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 2 Page - NXP Semiconductors

  MMA8652FC Datasheet HTML 1Page - NXP Semiconductors MMA8652FC Datasheet HTML 2Page - NXP Semiconductors MMA8652FC Datasheet HTML 3Page - NXP Semiconductors MMA8652FC Datasheet HTML 4Page - NXP Semiconductors MMA8652FC Datasheet HTML 5Page - NXP Semiconductors MMA8652FC Datasheet HTML 6Page - NXP Semiconductors MMA8652FC Datasheet HTML 7Page - NXP Semiconductors MMA8652FC Datasheet HTML 8Page - NXP Semiconductors MMA8652FC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
MMA8652FC
Sensors
2
Freescale Semiconductor, Inc.
Table 1. Feature comparison of the MMA865xFC devices
Feature
MMA8652FC
MMA8653FC
ADC Resolution (bits)
12
10
Digital Sensitivity in 2 g mode (counts/g)
1024
256
Low-Power Mode
Yes
Yes
Auto-WAKE
Yes
Yes
Auto-SLEEP
Yes
Yes
32-Level FIFO
Yes
No
Low-Pass Filter
Yes
Yes
High-Pass Filter
Yes
No
Transient Detection with High-Pass Filter
Yes
No
Fixed Orientation Detection
No
Yes
Programmable Orientation Detection
Yes
No
Data-Ready Interrupt
Yes
Yes
Single-Tap Interrupt
Yes
No
Double-Tap Interrupt
Yes
No
Directional Tap Interrupt
Yes
No
Freefall Interrupt
Yes
Yes
Motion Interrupt with Direction
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com