Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 42 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 38Page - NXP Semiconductors MMA8652FC Datasheet HTML 39Page - NXP Semiconductors MMA8652FC Datasheet HTML 40Page - NXP Semiconductors MMA8652FC Datasheet HTML 41Page - NXP Semiconductors MMA8652FC Datasheet HTML 42Page - NXP Semiconductors MMA8652FC Datasheet HTML 43Page - NXP Semiconductors MMA8652FC Datasheet HTML 44Page - NXP Semiconductors MMA8652FC Datasheet HTML 45Page - NXP Semiconductors MMA8652FC Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
MMA8652FC
Sensors
42
Freescale Semiconductor, Inc.
6.9
Transient configuration and status registers
For more information about the uses of the transient function, see application note AN4083, Data Manipulation and Basic
Settings for Xtrinsic MMA865xFC Accelerometers. This Transient (HPF) acceleration detection function is similar to the motion
detection function, except that high-pass filtered data is compared.
There is an option to disable the high-pass filter through the function. In this case, the behavior is the same as the motion
detection. This allows for the device to have two motion detection functions.
6.9.1
0x1D: Transient_CFG register
The transient detection mechanism can be configured to raise an interrupt when the magnitude of the high-pass filtered
acceleration threshold is exceeded. The TRANSIENT_CFG register is used to enable the transient interrupt generation
mechanism for the three axes (X, Y, Z) of acceleration. There is also an option to bypass the high-pass filter. When the high-pass
filter is bypassed, the function behaves similar to the motion detection.
Table 58. 0x1D TRANSIENT_CFG register (Read/Write)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
—
—
—
ELE
ZTEFE
YTEFE
XTEFE
HPF_BYP
Table 59. TRANSIENT_CFG register
Bit(s)
Field
Description
Notes
7–5
—
Could be 0 or 1.
4ELE
Transient event flags are latched into the TRANSIENT_SRC
register.
Reading of the TRANSIENT_SRC register clears the event flag.
0 Event flag latch disabled (default)
1 Event flag latch enabled
3
ZTEFE
Event flag enable for Z-transient acceleration greater than a
transient threshold event.
0 Event detection disabled (default)
1 Raise event flag on measured acceleration delta
value that is greater than a transient threshold.
2YTEFE
Event flag enable for Y-transient acceleration greater than a
transient threshold event.
1XTEFE
Event flag enable for X-transient acceleration greater than
a transient threshold event.
0
HPF_BYP
Bypass high-pass filter
0 Data to transient acceleration detection block is through HPF
(default)
1 Data to transient acceleration detection block is NOT through
HPF (similar to motion detection function)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com