Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 35 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 31Page - NXP Semiconductors MMA8652FC Datasheet HTML 32Page - NXP Semiconductors MMA8652FC Datasheet HTML 33Page - NXP Semiconductors MMA8652FC Datasheet HTML 34Page - NXP Semiconductors MMA8652FC Datasheet HTML 35Page - NXP Semiconductors MMA8652FC Datasheet HTML 36Page - NXP Semiconductors MMA8652FC Datasheet HTML 37Page - NXP Semiconductors MMA8652FC Datasheet HTML 38Page - NXP Semiconductors MMA8652FC Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
35
6.7.4
0x13: PL_BF_ZCOMP Back/Front and Z Compensation register
The Z-Lock angle compensation bits allows you to adjust the Z-lockout region from 14° up to 43°. On power-up, the default Z-lockout
angle is set to the default value of 29°. The back-to-front trip angle is set by default to ±75°, and this angle can be adjusted from
a range of 65° to 80° (with 5° step increments).
6.7.5
0x14: P_L_THS_REG Portrait/Landscape Threshold and Hysteresis register
This register represents the Portrait-to-Landscape trip threshold register used to set the trip angle for transitioning from Portrait
to Landscape mode and from Landscape to Portrait mode. This register includes a value for the hysteresis.
Table 41. 0x13: PL_BF_ZCOMP register (Read/Write)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BKFR[1]
BKFR[0]
—
—
—
ZLOCK[2]
ZLOCK[1]
ZLOCK[0]
Table 42. PL_BF_ZCOMP register
Bit(s)
Field
Description
Notes
7–6
BKFR[7:6]
Back/Front trip angle threshold(1)
• Step size = 5°
• Range = ±(65° to 80°)
1. All angles are accurate to ±2°.
01
≥ ±75° (default)
5–3
—
Can be 0 or 1.
2–0
ZLOCK[2:0]
Z-lock angle threshold(1)
• Step size is 4°
• Range is from 14° to 43°
100
≥ 29° (default)
111
≥ 43° (maximum)
Table 43. Z-lock threshold angles
Z-lock Value
Threshold Angle
0x00
14°
0x01
18°
0x02
21°
0x03
25°
0x04
29°
0x05
33°
0x06
37°
0x07
42°
Table 44. Back/Front orientation definitions
BKFR
Back/Front Transition
Front/Back Transition
00
Z < 80° or Z > 280°
Z > 100° and Z < 260°
01
Z < 75° or Z > 285°
Z > 105° and Z < 255°
10
Z < 70° or Z > 290°
Z > 110° and Z < 250°
11
Z < 65° or Z > 295°
Z > 115° and Z < 245°
Table 45. 0x14: P_L_THS_REG register (Read/Write)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P_L_THS[4]
P_L_THS[3]
P_L_THS[2]
P_L_THS[1]
P_L_THS[0]
HYS[2]
HYS[1]
HYS[0]
Table 46. P_L_THS_REG register
Bit(s)
Field
Description
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com