Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 10Page - NXP Semiconductors MMA8652FC Datasheet HTML 11Page - NXP Semiconductors MMA8652FC Datasheet HTML 12Page - NXP Semiconductors MMA8652FC Datasheet HTML 13Page - NXP Semiconductors MMA8652FC Datasheet HTML 14Page - NXP Semiconductors MMA8652FC Datasheet HTML 15Page - NXP Semiconductors MMA8652FC Datasheet HTML 16Page - NXP Semiconductors MMA8652FC Datasheet HTML 17Page - NXP Semiconductors MMA8652FC Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
MMA8652FC
Sensors
14
Freescale Semiconductor, Inc.
5.3
Internal FIFO data buffer
MMA8652FC contains a 32-sample internal FIFO data buffer, which helps minimize traffic across the I2C bus. The FIFO can also
save system power, by allowing the host processor/MCU to go into a SLEEP mode while the accelerometer independently stores
the data (up to 32 samples per axis).
The FIFO can run at all output data rates. There are options for accessing the full 12-bit data or for accessing only the 8-bit data.
When access speed is more important than high resolution, the 8-bit data read is a better option.
The FIFO contains four modes (Fill Buffer mode, Circular Buffer mode, Trigger mode, and Disabled mode), which are described
in F_SETUP Register 0x09.
•
Fill Buffer mode collects the first 32 samples and asserts the overflow flag when the buffer is full and another sample arrives.
It does not collect any more data until the buffer is read. This benefits data logging applications where all samples must be
collected.
•
Circular Buffer mode allows the buffer to be filled and then new data replaces the oldest sample in the buffer. The most recent
32 samples will be stored in the buffer. This benefits situations where the processor is waiting for an specific interrupt to signal
that the data must be flushed to analyze the event.
•
Trigger mode will hold the last data up to the point when the trigger occurs, and can be set to keep a selectable number of
samples after the event occurs.
The MMA8652FC FIFO Buffer has a configurable watermark, allowing the processor to be triggered after a configurable number
of samples has filled in the buffer (1 to 32).
5.4
Low power modes vs. high resolution modes
The MMA8652FC can be optimized for lower power modes or for higher resolution of the output data. One of the oversampling
schemes of the data can be activated when MODS = 10 in Register 0x2B, which will improve the resolution of the output data
only. The highest resolution is achieved at 1.56 Hz.
There is a trade-off between low power and high resolution. Low power can be achieved when the oversampling rate is
reduced. When MODS = 11, the lowest power is achieved. The lowest power is achieved when the sample rate is set to 1.56 Hz.
……
…
…
1000 0000 0001
–1.999 g
–3.998 g
–7.996 g
1000 0000 0000
–2.0000 g
–4.0000 g
–8.0000 g
Table 9. Accelerometer 8-bit output data
8-bit Data
Range ±2 g
(15.6 mg/LSB)
Range ±4 g
(31.25 mg/LSB)
Range ±8 g
(62.5 mg/LSB)
0111 1111
1.9844 g
+3.9688 g
+7.9375 g
0111 1110
1.9688 g
+3.9375 g
+7.8750 g
……
…
…
0000 0001
+0.0156 g
+0.0313 g
+0.0625 g
0000 0000
0.000 g
0.0000 g
0.0000 g
1111 1111
–0.0156 g
–0.0313 g
–0.0625 g
……
…
…
1000 0001
–1.9844 g
–3.9688 g
–7.9375 g
1000 0000
–2.0000 g
–4.0000 g
–8.0000 g
Table 8. Accelerometer 12-bit output data (Continued)
12-bit data
Range ±2 g (1 mg/LSB)
Range ±4 g (2 mg/LSB)
Range ±8 g (4 mg/LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com