Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 38 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 34Page - NXP Semiconductors MMA8652FC Datasheet HTML 35Page - NXP Semiconductors MMA8652FC Datasheet HTML 36Page - NXP Semiconductors MMA8652FC Datasheet HTML 37Page - NXP Semiconductors MMA8652FC Datasheet HTML 38Page - NXP Semiconductors MMA8652FC Datasheet HTML 39Page - NXP Semiconductors MMA8652FC Datasheet HTML 40Page - NXP Semiconductors MMA8652FC Datasheet HTML 41Page - NXP Semiconductors MMA8652FC Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 65 page
background image
MMA8652FC
Sensors
38
Freescale Semiconductor, Inc.
6.8.2
0x15: FF_MT_CFG Freefall/Motion Configuration register
This is the Freefall/Motion configuration register for setting up the conditions of the freefall or motion function.
Figure 14. FF_MT_CFG high-g and low-g threshold
Table 49. 0x15 FF_MT_CFG register (Read/Write)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ELE
OAE
ZEFE
YEFE
XEFE
—
—
—
Table 50. FF_MT_CFG register
Bit(s)
Field
Description
7ELE
Event Latch Enable: Event flags are latched into FF_MT_SRC register.
ELE denotes whether the enabled event flag will to be latched into the FF_MT_SRC register or whether the event flag
status in the FF_MT_SRC will indicate the real-time status of the event.
• If ELE bit is set to 1, then the event flags are frozen when the EA bit gets set, and the event flags are cleared by
reading the FF_MT_SRC source register.
• Reading the FF_MT_SRC register clears the event flag EA and all FF_MT_SRC bits.
0 Event flag latch disabled (default)
1 Event flag latch enabled
6OAE
Motion detect / Freefall detect flag selection
Selects between Motion (logical OR combination) and Freefall (logical AND combination) detection.
0 Freefall flag (Logical AND combination) (default)
1 Motion flag (Logical OR combination)
5ZEFE
Event flag enable on Z
ZHFE enables the detection of a motion or freefall event when the measured acceleration data on Z channel is beyond
the threshold set in FF_MT_THS register.
• If ELE bit (FF_MT_CFG register) is set to 1, then new event flags are blocked from updating the FF_MT_SRC
register.
0 Event detection disabled (default)
1 Raise event flag on measured acceleration value beyond preset threshold
4
YEFE
Event flag enable on Y event
YEFE enables the detection of a motion or freefall event when the measured acceleration data on Y channel is beyond
the threshold set in FF_MT_THS register.
• If ELE bit (FF_MT_CFG register) is set to 1, then new event flags are blocked from updating the FF_MT_SRC
register.
0 Event detection disabled (default)
1 Raise event flag on measured acceleration value beyond preset threshold
3
XEFE
Event flag enable on X event
XEFE enables the detection of a motion or freefall event when the measured acceleration data on X channel is beyond
the threshold set in FF_MT_THS register.
• If ELE bit (FF_MT_CFG register) is set to 1, then new event flags are blocked from updating the FF_MT_SRC
register.
0 Event detection disabled (default)
1 Raise event flag on measured acceleration value beyond preset threshold
2–0
—
+8 g
High-g + Threshold (Motion)
Low-g Threshold (Freefall)
High-g – Threshold (Motion)
–8 g
X, Y, or Z High-g Region
X, Y, or Z High-g Region
X, Y, or Z Low-g Region
Negative
Positive
Acceleration
Acceleration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com