Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 56 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 52Page - NXP Semiconductors MMA8652FC Datasheet HTML 53Page - NXP Semiconductors MMA8652FC Datasheet HTML 54Page - NXP Semiconductors MMA8652FC Datasheet HTML 55Page - NXP Semiconductors MMA8652FC Datasheet HTML 56Page - NXP Semiconductors MMA8652FC Datasheet HTML 57Page - NXP Semiconductors MMA8652FC Datasheet HTML 58Page - NXP Semiconductors MMA8652FC Datasheet HTML 59Page - NXP Semiconductors MMA8652FC Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 65 page
background image
MMA8652FC
Sensors
56
Freescale Semiconductor, Inc.
6.12.4
0x2D: CTRL_REG4 Interrupt Enable register (Read/Write)
CTRL_REG4 register enables the following interrupts: Auto-WAKE/SLEEP, Orientation Detection, Freefall/Motion, and Data
Ready.
6.12.5
0x2E CTRL_REG5 Interrupt Configuration register (Read/Write)
CTRL_REG5 register maps the desired interrupts to INT2 or INT1 pins.
The system’s interrupt controller, shown in Figure 9, uses the corresponding bit field in the CTRL_REG5 register to determine the
routing table for the INT1 and INT2 interrupt pins.
•
If the bit value is 0, then the functional block’s interrupt is routed to INT2.
•
If the bit value is 1, then the functional block’s interrupt is routed to INT1.
One or more functions can assert an interrupt pin; therefore a host application responding to an interrupt should read the
INT_SOURCE (0x0C) register, to determine the appropriate sources of the interrupt.
0
PP_OD
Push-Pull/Open-Drain selection on interrupt pad
Configures the interrupt pins to Push-Pull or to Open-Drain mode.
The Open-Drain configuration can be used for connecting multiple interrupt signals on the same interrupt line.
0 Push-Pull (default)
1 Open Drain
Table 104. 0x2D CTRL_REG4 Interrupt Enable register (Read/Write)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
INT_EN_ASLP
INT_EN_FIFO
INT_EN_TRANS
INT_EN_LNDPRT
INT_EN_PULSE
INT_EN_FF_MT
0
INT_EN_DRDY
Table 105. CTRL_REG4 register
Bit(s)
Field
Description
7
INT_EN_ASLP
Auto-SLEEP/WAKE Interrupt Enable
0 interrupt is disabled (default)
1 interrupt is enabled
Note: The corresponding functional block interrupt
enable bit enables the functional block to route
its event detection flags to the system’s interrupt
controller. The interrupt controller routes the
enabled functional block interrupt to the INT1 or
INT2 pin.
6
INT_EN_FIFO
FIFO Interrupt Enable
5
INT_EN_TRANS
Transient Interrupt Enable
4
INT_EN_LNDPRT
Orientation (Landscape/Portrait) Interrupt Enable
3
INT_EN_PULSE
Pulse Detection Interrupt Enable
2
INT_EN_FF_MT
Freefall/Motion Interrupt Enable
0
INT_EN_DRDY
Data Ready Interrupt Enable
Table 106. 0x2E: CTRL_REG5 Interrupt Configuration register
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
INT_CFG_ASLP
INT_CFG_FIFO
INT_CFG_TRANS
INT_CFG_LNDPRT
INT_CFG_PULSE
INT_CFG_FF_MT
0
INT_CFG_DRDY
Table 107. 0x2E CTRL_REG5 register
Bit(s)
Field
Description
7
INT_CFG_ASLP
Auto-SLEEP/WAKE INT1/INT2 Configuration
0 Interrupt is routed to INT2 pin (default)
1 Interrupt is routed to INT1 pin
6
INT_CFG_FIFO
FIFO INT1/INT2 Configuration
5
INT_CFG_TRANS
Transient INT1/INT2 Configuration
4
INT_CFG_LNDPRT
Orientation INT1/INT2 Configuration
3
INT_CFG_PULSE
Pulse INT1/INT2 Configuration
2
INT_CFG_FF_MT
Freefall/motion INT1/INT2 Configuration
10
0
INT_CFG_DRDY
Data Ready INT1/INT2 Configuration
Table 103. CTRL_REG3 register (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com