Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 52 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 48Page - NXP Semiconductors MMA8652FC Datasheet HTML 49Page - NXP Semiconductors MMA8652FC Datasheet HTML 50Page - NXP Semiconductors MMA8652FC Datasheet HTML 51Page - NXP Semiconductors MMA8652FC Datasheet HTML 52Page - NXP Semiconductors MMA8652FC Datasheet HTML 53Page - NXP Semiconductors MMA8652FC Datasheet HTML 54Page - NXP Semiconductors MMA8652FC Datasheet HTML 55Page - NXP Semiconductors MMA8652FC Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 65 page
background image
MMA8652FC
Sensors
52
Freescale Semiconductor, Inc.
•
Four interrupt sources can WAKE the device: Transient, Orientation, Tap, and the Motion/Freefall. One or more of these
functions can be enabled.
—
To WAKE the device, the desired function(s) must be enabled in CTRL_REG4 register and set to WAKE-to-SLEEP
in CTRL_REG3 register.
—
All enabled functions still run in SLEEP mode at the SLEEP ODR.
Only the functions that have been selected for WAKE from SLEEP will actually WAKE the device (as configured in
register 0x2C).
—
The Auto-WAKE/SLEEP interrupt does not affect the WAKE/SLEEP, nor does the data ready interrupt.
—
Note that the FIFO does not WAKE the device.
—
When set to 1, the FIFO gate (bit 7 in Register 0x2C) will hold the last data in the FIFO, before transitioning to a
different ODR. After the buffer is flushed, it will accept new sample data at the current ODR. See Register 0x2C for
the WAKE-from-SLEEP interrupt enable bit definitions.
•
MMA8652FC has four functions that can be used to keep the sensor from falling asleep: Transient, Orientation, Tap and
Motion/Freefall.
•
Auto-SLEEP bit:
—
If the Auto-SLEEP bit is disabled, then the device can only toggle between STANDBY and WAKE mode.
—
If Auto-SLEEP interrupt is enabled, then transitioning from ACTIVE mode to Auto-SLEEP mode (or vice versa)
generates an interrupt.
6.12
System and control registers
NOTE
Except for STANDBY mode selection, the device must be in STANDBY mode to change any
of the fields within CTRL_REG1 (0x2A).
6.12.1
0x2A: CTRL_REG1 System Control 1 register
CTRL_REG1 register configures the Auto-WAKE sample frequency, output data rate selection, and enables the fast-read mode
and STANDBY/ACTIVE mode selection.
Table 93. 0x2A CTRL_REG1 register (Read/Write)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ASLP_RATE1
ASLP_RATE0
DR2
DR1
DR0
—
F_READ
ACTIVE
Table 94. CTRL_REG1 register
Bit(s)
Field
Description
7–6
ASLP_RATE[1:0]
Configures the Auto-WAKE sample frequency when the device is in SLEEP Mode.
See Table 95.
00 (default)
5–3
DR[2:0]
Data rate selection
See Table 96.
000 (default)
2—
1
F_READ
Fast-read mode: Data format is limited to single byte
0 Normal mode (default)
1 Fast Read Mode
0ACTIVE
Full-scale selection
0 STANDBY mode (default)
1 ACTIVE mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com