Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 13Page - NXP Semiconductors MMA8652FC Datasheet HTML 14Page - NXP Semiconductors MMA8652FC Datasheet HTML 15Page - NXP Semiconductors MMA8652FC Datasheet HTML 16Page - NXP Semiconductors MMA8652FC Datasheet HTML 17Page - NXP Semiconductors MMA8652FC Datasheet HTML 18Page - NXP Semiconductors MMA8652FC Datasheet HTML 19Page - NXP Semiconductors MMA8652FC Datasheet HTML 20Page - NXP Semiconductors MMA8652FC Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 65 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
17
Figure 7. Landscape-to-Portrait transition trip angles
The MMA8652FC orientation detection algorithm confirms the reliability of the function with a configurable Z-lockout angle.
Based on the known functionality of linear accelerometers, it is not possible to rotate the device about the Z-axis, to detect change
in acceleration at slow angular speeds. The angle at which the device no longer detects the orientation change is referred to as
the “Z-lockout angle” (see Figure 8). The device operates down to 14° from the flat position.
.
Figure 8. Z-Tilt angle lockout transition
PORTRAIT
Landscape-to-Portrait
90
°
Trip Angle = Midpoint + hysterisis value
0° Landscape
PORTRAIT
Portrait-to-Landscape
90
°
Trip Angle = midpoint - hysteresis value
0° Landscape
UPRIGHT
NORMAL
90
°
Z-LOCK
0° FLAT
DETECTION
REGION
LOCKOUT
REGION
When lifting the device upright from the
flat position, orientation detection will be
active for orientation angles greater than
a user-configurable value.
The default angle is 29° from flat, but the
angle can be set as low as 14°.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com