Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 44 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 40Page - NXP Semiconductors MMA8652FC Datasheet HTML 41Page - NXP Semiconductors MMA8652FC Datasheet HTML 42Page - NXP Semiconductors MMA8652FC Datasheet HTML 43Page - NXP Semiconductors MMA8652FC Datasheet HTML 44Page - NXP Semiconductors MMA8652FC Datasheet HTML 45Page - NXP Semiconductors MMA8652FC Datasheet HTML 46Page - NXP Semiconductors MMA8652FC Datasheet HTML 47Page - NXP Semiconductors MMA8652FC Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 65 page
background image
MMA8652FC
Sensors
44
Freescale Semiconductor, Inc.
6.9.3
0x1F TRANSIENT_THS register
The Transient Threshold register sets the threshold limit for the detection of the transient acceleration. The value in the
TRANSIENT_THS register corresponds to a g value, which is compared against the values of high-pass filtered data. If the high-
pass filtered acceleration value exceeds the threshold limit, an event flag is raised and the interrupt is generated (if enabled).
6.9.4
0x20 TRANSIENT_COUNT register
The TRANSIENT_COUNT sets the minimum number of debounce counts continuously matching the condition where the
unsigned value of high-pass filtered data is greater than the user-specified value of TRANSIENT_THS.
The time step for the transient detection debounce counter is set by the value of the system ODR and the Oversampling mode.
Table 62. 0x1F TRANSIENT_THS register (Read/Write)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DBCNTM
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Table 63. TRANSIENT_THS register
Bit(s)
Field
Description
Notes
7
DBCNTM
Debounce counter mode selection
0 Increments or decrements debounce (default)
1 Increments or clears counter
6–0
THS[6:0]
Transient Threshold
A 7-bit unsigned number, with 0.063 g/LSB.
The maximum threshold is ±8 g.
000_0000 (default)
Even if the part is set to full scale at ±2 g (or ±4 g), this
function will still operate up to ±8 g.
Table 64. 0x20 TRANSIENT_COUNT register (Read/Write)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
D7
D6
D5
D4
D3
D2
D1
D0
Table 65. TRANSIENT_COUNT register
Bit(s)
Field
Description
7–0
D[7:0]
Count value
0000_0000 (default)
Table 66. TRANSIENT_COUNT relationship with the ODR
ODR (Hz)
Max Time Range (s)
Time Step (ms)
Normal
LPLN
HighRes
LP
Normal
LPLN
HighRes
LP
800
0.319
0.319
0.319
0.319
1.25
1.25
1.25
1.25
400
0.638
0.638
0.638
0.638
2.5
2.5
2.5
2.5
200
1.28
1.28
0.638
1.28
5
5
2.5
5
100
2.55
2.55
0.638
2.55
10
10
2.5
10
50
5.1
5.1
0.638
5.1
20
20
2.5
20
12.5
5.1
20.4
0.638
20.4
20
80
2.5
80
6.25
5.1
20.4
0.638
40.8
20
80
2.5
160
1.56
5.1
20.4
0.638
40.8
20
80
2.5
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com