Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 35Page - NXP Semiconductors MMA8652FC Datasheet HTML 36Page - NXP Semiconductors MMA8652FC Datasheet HTML 37Page - NXP Semiconductors MMA8652FC Datasheet HTML 38Page - NXP Semiconductors MMA8652FC Datasheet HTML 39Page - NXP Semiconductors MMA8652FC Datasheet HTML 40Page - NXP Semiconductors MMA8652FC Datasheet HTML 41Page - NXP Semiconductors MMA8652FC Datasheet HTML 42Page - NXP Semiconductors MMA8652FC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
39
6.8.3
0x16: FF_MT_SRC Freefall/Motion Source register
The Freefall/Motion Source register keeps track of the acceleration event that is triggering (or has triggered, if ELE bit in
FF_MT_CFG register is set to 1) the event flag. In particular, EA is set to 1 when the logical combination of acceleration events
flags specified in FF_MT_CFG register is true. This EA bit is used in combination with the values in INT_EN_FF_MT and
INT_CFG_FF_MT register bits to generate the freefall/motion interrupts.
•
An X,Y, or Z motion is true when the acceleration value of the X or Y or Z channel is higher than the preset threshold value
defined in the FF_MT_THS register.
•
An X, Y, and Z low event is true when the acceleration value of the X and Y and Z channel is lower than or equal to the preset
threshold value defined in the FF_MT_THS register.
Table 51. 0x16: FF_MT_SRC Freefall/Motion Source register (Read-Only)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EA
—
ZHE
ZHP
YHE
YHP
XHE
XHP
Table 52. Freefall/Motion Source register
Bit(s)
Field
Description
7EA
Event Active flag
0 No event flag has been asserted (default)
1 One or more event flags has been asserted.
See the description of the OAE bit to determine the effect of the 3-axis event flags on the EA bit.
6—
5ZHE
Z-Motion flag
ZHE bit always reads zero if the ZEFE control bit is set to zero.
0 No Z motion event detected (default)
1 Z motion has been detected
4ZHP
Z-Motion Polarity Flag
ZHP bit always reads zero if the ZEFE control bit is set to zero.
0 Z event was positive g (default)
1 Z event was negative g
3YHE
Y-Motion Flag
YHE bit always reads zero if the YEFE control bit is set to zero.
0 No Y motion event detected (default)
1 Y motion has been detected
2YHP
Y-Motion Polarity Flag
YHP bit always reads zero if the YEFE control bit is set to zero.
0 Y event detected was positive g (default)
1 Y event was negative g
1XHE
X-Motion Flag
XHE bit always reads zero if the XEFE control bit is set to zero.
0 No X motion event detected (default)
1 X motion has been detected
0XHP
X-Motion Polarity Flag
XHP bit always reads zero if the XEFE control bit is set to zero.
0 X event was positive g (default)
1 X event was negative g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com