Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 17Page - NXP Semiconductors MMA8652FC Datasheet HTML 18Page - NXP Semiconductors MMA8652FC Datasheet HTML 19Page - NXP Semiconductors MMA8652FC Datasheet HTML 20Page - NXP Semiconductors MMA8652FC Datasheet HTML 21Page - NXP Semiconductors MMA8652FC Datasheet HTML 22Page - NXP Semiconductors MMA8652FC Datasheet HTML 23Page - NXP Semiconductors MMA8652FC Datasheet HTML 24Page - NXP Semiconductors MMA8652FC Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
21
6
Register Descriptions
6.1
Register address map
Table 12. MMA8652FC register address map
Name
Type
Register
Address
Auto-Increment Address
Default
Hex
Value
Comment
FMODE = 0
F_READ = 0
FMODE > 0
F_READ = 0
FMODE = 0
F_READ = 1
FMODE > 0
F_READ = 1
STATUS/
F_STATUS(1)(2)
R
0x00
0x01
00000000
0x00
FMODE = 0, real time status
FMODE > 0, FIFO status
OUT_X_MSB(1)(2)
R
0x01
0x02
0x01
0x03
0x01
Output
—
[7:0] are 8 MSBs
of 12-bit sample.
Root pointer to
XYZ FIFO data.
OUT_X_LSB(1)(2)
R
0x02
0x03
0x00
Output
—
[7:4] are 4 LSBs of 12-bit real-time
sample
OUT_Y_MSB(1)(2)
R
0x03
0x04
0x05
0x00
Output
—
[7:0] are 8 MSBs of 12-bit real-time
sample
OUT_Y_LSB(1)(2)
R
0x04
0x05
0x00
Output
—
[7:4] are 4 LSBs of 12-bit real-time
sample
OUT_Z_MSB(1)(2)
R
0x05
0x06
0x00
Output
—
[7:0] are 8 MSBs of 12-bit real-time
sample
OUT_Z_LSB(1)(2)
R
0x06
0x00
Output
—
[7:4] are 4 LSBs of 12-bit real-time
sample
Reserved
R
0x07
0x08
—
—
—
—
—
—
Reserved. Read return 0x00.
F_SETUP(1)(3)
R/W
0x09
0x0A
00000000
0x00
FIFO setup
TRIG_CFG(1)(4)
R/W
0x0A
0x0B
00000000
0x00
Map of FIFO data capture events
SYSMOD(1)(2)
R
0x0B
0x0C
00000000
0x00
Current System mode
INT_SOURCE(1)(2)
R
0x0C
0x0D
00000000
0x00
Interrupt status
WHO_AM_I(1)
R
0x0D
0x0E
01001010
0x4A
Device ID (0x4A)
XYZ_DATA_CFG(1)(4)
R/W
0x0E
0x0F
00000000
0x00
Dynamic Range Settings
HP_FILTER_CUTOFF(1
)(4)
R/W
0x0F
0x10
00000000
0x00
High-Pass Filter Selection
PL_STATUS(1)(2)
R
0x10
0x11
00000000
0x00
Landscape/Portrait orientation
status
PL_CFG(1)(4)
R/W
0x11
0x12
10000000
0x80
Landscape/Portrait configuration.
PL_COUNT(1)(3)
R/W
0x12
0x13
00000000
0x00
Landscape/Portrait debounce
counter
PL_BF_ZCOMP(1)(4)
R/W
0x13
0x14
01000100
0x44
Back/Front, Z-Lock Trip threshold
P_L_THS_REG(1)(4)
R/W
0x14
0x15
10000100
0x84
Portrait/Landscape Threshold and
Hysteresis
FF_MT_CFG(1)(4)
R/W
0x15
0x16
00000000
0x00
Freefall/Motion functional block
configuration
FF_MT_SRC(1)(2)
R
0x16
0x17
00000000
0x00
Freefall/Motion event source
register
FF_MT_THS(1)(3)
R/W
0x17
0x18
00000000
0x00
Freefall/Motion threshold register
FF_MT_COUNT(1)(3)
R/W
0x18
0x19
00000000
0x00
Freefall/Motion debounce counter
Reserved
R
0x19
0x1A
0x1B
0x1C
—
—
—
—
—
—
Reserved. Read return 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com