Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 15Page - NXP Semiconductors MMA8652FC Datasheet HTML 16Page - NXP Semiconductors MMA8652FC Datasheet HTML 17Page - NXP Semiconductors MMA8652FC Datasheet HTML 18Page - NXP Semiconductors MMA8652FC Datasheet HTML 19Page - NXP Semiconductors MMA8652FC Datasheet HTML 20Page - NXP Semiconductors MMA8652FC Datasheet HTML 21Page - NXP Semiconductors MMA8652FC Datasheet HTML 22Page - NXP Semiconductors MMA8652FC Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
19
4.
The 9th clock pulse following the slave address byte (and each subsequent byte) is the acknowledge (ACK). The
transmitter must release the SDA line during the ACK period. The receiver must then pull the data line low, so that it
remains stable low during the high period of the acknowledge clock period.
5.
A Master may also issue a repeated START during a data transfer. The MMA8652FC expects repeated STARTs to be
used to randomly read from specific registers.
6.
A low-to-high transition on the SDA line while the SCL line is high is defined as a stop condition (STOP). A data transfer
is always terminated by a STOP.
The MMA8652FC's standard slave address is 0011101 or 0x01D.
5.11.1
Single-byte read
1.
The transmission of an 8-bit command begins on the falling edge of SCL. After the eight clock cycles are used to send
the command, note that the data returned is sent with the MSB first after the data is received. Figure 10 shows the
timing diagram for the accelerometer 8-bit I2C read operation.
2.
The Master (or MCU) transmits a start condition (ST) to the MMA8652FC [slave address (0x1D), with the R/W bit set to
“0” for a write], and the MMA8652FC sends an acknowledgement.
3.
Next the Master (or MCU) transmits the address of the register to read, and the MMA8652FC sends an
acknowledgement.
4.
The Master (or MCU) transmits a repeated start condition (SR) and then addresses the MMA8652FC (0x1D), with the
R/W bit set to “1” for a read from the previously selected register.
5.
The Slave then acknowledges and transmits the data from the requested register. The Master does not acknowledge
(NAK) the transmitted data, but transmits a stop condition to end the data transfer.
Figure 10. Single-Byte Read timing (I2C)
NOTE
For the following subsections, use the following legend.
5.11.2
Multiple byte read
(See Table 11 for next auto-increment address.)
1.
When performing a multi-byte read or “burst read”, the MMA8652FC automatically increments the received register
address commands after a read command is received.
2.
After following the steps of a single byte read, multiple bytes of data can be read from sequential registers after each
MMA8652FC acknowledgment (AK) is received,
3.
Until a no acknowledge (NAK) occurs from the Master,
4.
Followed by a stop condition (SP), which signals the end of transmission.
Table 11. I2C Device address sequence
Command
[6:0]
Device address
[6:0]
Device address
R/W
8-bit final
value
Read
0011101
0x1D
1
0x3B
Write
0011101
0x1D
0
0x3A
Master
ST Device Address[7:1]
W
Register
Address[7:0]
SR Device Address[7:1]
R
NAK
SP
Slave
AK
AK
AK
Data[7:0]
Legend
ST: Start Condition
SP: Stop Condition
NAK: No Acknowledge
W: Write = 0
SR: Repeated Start Condition
AK: Acknowledge
R: Read = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com