Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 1 Page - NXP Semiconductors

  MMA8652FC Datasheet HTML 1Page - NXP Semiconductors MMA8652FC Datasheet HTML 2Page - NXP Semiconductors MMA8652FC Datasheet HTML 3Page - NXP Semiconductors MMA8652FC Datasheet HTML 4Page - NXP Semiconductors MMA8652FC Datasheet HTML 5Page - NXP Semiconductors MMA8652FC Datasheet HTML 6Page - NXP Semiconductors MMA8652FC Datasheet HTML 7Page - NXP Semiconductors MMA8652FC Datasheet HTML 8Page - NXP Semiconductors MMA8652FC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
Freescale reserves the right to change the detail specifications as may be required to permit
improvements in the design of its products.
Freescale Semiconductor
Document Number: MMA8652FC
Data Sheet: Technical Data
Rev. 3.3, 10/2015
An Energy-Efficient Solution by Freescale
© 2012–2015 Freescale Semiconductor, Inc. All rights reserved.
MMA8652FC
, 3-Axis, 12-bit
, Digital
Accelerometer
The MMA8652FC is an intelligent, low-power, three-axis, capacitive micromachined
accelerometer with 12 bits of resolution. This accelerometer is packed with
embedded functions with flexible user-programmable options, configurable to two
interrupt pins. Embedded interrupt functions enable overall power savings, by
relieving the host processor from continuously polling data. There is access to
either low-pass or high-pass filtered data, which minimizes the data analysis
required for jolt detection and faster transitions. The device can be configured to
generate inertial wake-up interrupt signals from any combination of the
configurable embedded functions, enabling the MMA8652FC to monitor inertial
events while remaining in a low-power mode during periods of inactivity. The
MMA8652FC is available in a small 10-pin DFN package (2 mm x 2 mm x 1 mm).
Features
•
1.95 V to 3.6 V supply voltage
•
1.62 V to 3.6 V digital interface voltage
•
±2 g, ±4 g, and ±8 g dynamically selectable full-scale ranges
•
Output Data Rates (ODR) from 1.56 Hz to 800 Hz
•
12-bit digital output
•I2C digital output interface with programmable interrupts
•
Four embedded channels of configurable motion detection (Freefall, Motion,
Pulse, Transient)
•
Orientation (Portrait/Landscape) detection with programmable hysteresis
•
Configurable automatic ODR change triggered by the Auto-Wake/Sleep
state change
•
32-sample FIFO
•
High-Pass Filter Data available per sample and through the FIFO
•Self-Test
Typical applications
•
Tilt compensation in e-compass applications
•
Static orientation detection (Portrait/Landscape, Up/Down, Left/Right, Back/
Front position identification)
•
Notebook, tablet, e-reader, and laptop tumble and freefall detection
•
Real-time orientation detection (virtual reality and gaming 3D user orientation feedback)
•
Real-time activity analysis (pedometer step counting, freefall drop detection for HDD, dead-reckoning GPS backup)
•
Motion detection for portable product power saving (Auto-SLEEP and Auto-WAKE for cell phone, PDA, GPS, gaming)
•
Shock and vibration monitoring (mechatronic compensation, shipping and warranty usage logging)
•
User interface (tilt menu scrolling, tap detection for button replacement)
ORDERING INFORMATION
Part Number
Temperature Range
Package Description
Shipping
MMA8652FCR1
-40°C to +85°C
DFN-10
Tape and Reel
MMA8652FC
Top View
Pin Connections
VDD
SCL
INT1
BYP
INT2
SDA
GND
GND
VDDIO
GND
1
2
3
4
5
10
9
8
7
6
10-pin DFN
2 mm x 2 mm x 1 mm
Case 98ASA00301D
Top and Bottom View


Similar Part No. - MMA8652FC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8652FC FREESCALE-MMA8652FC Datasheet
2Mb / 77P
Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
MMA8652FCR1 FREESCALE-MMA8652FCR1 Datasheet
2Mb / 77P
Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
More results

Similar Description - MMA8652FC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8450Q FREESCALE-MMA8450Q Datasheet
628Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
MMA8451Q FREESCALE-MMA8451Q Datasheet
654Kb / 53P
3-Axis, 14-bit/8-bit Digital Accelerometer
MMA8451Q FREESCALE-MMA8451Q_12 Datasheet
447Kb / 52P
3-Axis, 14-bit 8-bit Digital Accelerometer
MMA8652FC FREESCALE-MMA8652FC Datasheet
2Mb / 77P
Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
MMA8653FC FREESCALE-MMA8653FC Datasheet
1Mb / 56P
Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
MMA8452Q FREESCALE-MMA8452Q Datasheet
494Kb / 47P
3-Axis, 12-bit/8-bit Digital Accelerometer
MMA8450Q FREESCALE-MMA8450Q_12 Datasheet
399Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
MMA8453QR1 FREESCALE-MMA8453QR1 Datasheet
1Mb / 47P
Xtrinsic MMA8453Q 3-Axis, 10-bit/8-bit Digital Accelerometer
logo
NXP Semiconductors
MMA8450Q NXP-MMA8450Q Datasheet
670Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
Rev. 9.1, 04/2012
MMA8491Q NXP-MMA8491Q Datasheet
659Kb / 28P
3-Axis Multifunction Digital Accelerometer
Rev. 2.1-26 April 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com