Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 34 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 30Page - NXP Semiconductors MMA8652FC Datasheet HTML 31Page - NXP Semiconductors MMA8652FC Datasheet HTML 32Page - NXP Semiconductors MMA8652FC Datasheet HTML 33Page - NXP Semiconductors MMA8652FC Datasheet HTML 34Page - NXP Semiconductors MMA8652FC Datasheet HTML 35Page - NXP Semiconductors MMA8652FC Datasheet HTML 36Page - NXP Semiconductors MMA8652FC Datasheet HTML 37Page - NXP Semiconductors MMA8652FC Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
MMA8652FC
Sensors
34
Freescale Semiconductor, Inc.
6.7.2
0x11 Portrait/Landscape Configuration register
The Portrait/Landscape Configuration register enables the portrait/landscape function and sets the behavior of the debounce
counter.
6.7.3
0x12 Portrait/Landscape Debounce register
The Portrait/Landscape Debounce register sets the debounce count for the orientation state transition. The minimum debounce
latency is determined by the data rate (which is set by the product of the selected system ODR and PL_COUNT registers). Any
transition from WAKE to SLEEP (or SLEEP to Wake) resets the internal Landscape/Portrait debounce counter.
NOTE
The debounce counter weighting (time step) changes, based on the ODR and the
Oversampling mode. Table 40 explains the time step value for all sample rates and all
Oversampling modes.
Table 36. 0x11 PL_CFG register (Read/Write)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DBCNTM
PL_EN
—
—
—
—
—
—
Table 37. PL_CFG register
Bit(s)
Field
Description
7DBCNTM
Debounce counter mode selection
0 Decrements debounce whenever the condition of interest is no longer valid.
1 Clears the counter whenever the condition of interest is no longer valid. (default)
6
PL_EN
Portrait/Landscape detection enable
0 Portrait/Landscape Detection is disabled. (default)
1 Portrait/Landscape Detection is enabled.
5–0
—
Can be 0 or 1.
Table 38. 0x12 PL_COUNT register (Read/Write)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DBNCE[7]
DBNCE[6]
DBNCE[5]
DBNCE[4]
DBNCE[3]
DBNCE[2]
DBNCE[1]
DBNCE[0]
Table 39. PL_COUNT register
Bit(s)
Field
Description
7–0
DBCNE[7:0]
Debounce Count value
0000_0000 (default)
Table 40. PL_COUNT relationship with the ODR
ODR
(Hz)
Max Time Range (s)
Time Step (ms)
Normal
LPLN
HighRes
LP
Normal
LPLN
HighRes
LP
800
0.319
0.319
0.319
0.319
1.25
1.25
1.25
1.25
400
0.638
0.638
0.638
0.638
2.5
2.5
2.5
2.5
200
1.28
1.28
0.638
1.28
5
5
2.5
5
100
2.55
2.55
0.638
2.55
10
10
2.5
10
50
5.1
5.1
0.638
5.1
20
20
2.5
20
12.5
5.1
20.4
0.638
20.4
20
80
2.5
80
6.25
5.1
20.4
0.638
40.8
20
80
2.5
160
1.56
5.1
20.4
0.638
40.8
20
80
2.5
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com