Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 2Page - NXP Semiconductors MMA8652FC Datasheet HTML 3Page - NXP Semiconductors MMA8652FC Datasheet HTML 4Page - NXP Semiconductors MMA8652FC Datasheet HTML 5Page - NXP Semiconductors MMA8652FC Datasheet HTML 6Page - NXP Semiconductors MMA8652FC Datasheet HTML 7Page - NXP Semiconductors MMA8652FC Datasheet HTML 8Page - NXP Semiconductors MMA8652FC Datasheet HTML 9Page - NXP Semiconductors MMA8652FC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
MMA8652FC
Sensors
6
Freescale Semiconductor, Inc.
1.2
Pin descriptions
Figure 2. Pin connections (bottom view)
1.3
Typical application circuit
Figure 3. Typical application circuit
Table 1. Pin descriptions
Pin #
Pin Name
Description
Notes
1
VDD
Power supply
Device power is supplied through the VDD line. Power supply decoupling capacitors
should be placed as close as possible to pin 1 and pin 8 of the device.
2SCL(1)
1. The control signals SCL and SDA are not tolerant of voltages higher than VDDIO + 0.3 V. If VDDIO is removed, then the control signals SCL
and SDA will clamp any logic signals with their internal ESD protection diodes. The SDA and SCL I2C connections are open drain, and
therefore require a pullup resistor to VDDIO.
I2C Serial Clock
7-bit I2C device address is 0x1D.
3
INT1
Interrupt 1 output
The interrupt source and pin settings are user-programmable through the I2C interface.
4
BYP
Internal regulator output
capacitor connection
5
INT2
Interrupt 2 output
See INT1.
6
GND
Ground
7
GND
Ground
8
VDDIO
Digital Interface Power supply
9
GND
Ground
10
SDA(1)
I2C Serial Data
See SCL.
1
5
6
10
VDD
SCL
INT1
BYP
INT2
SDA
GND
VDDIO
GND
GND
VDD
SCL
INT1
BYP
INT2
SDA
VDDIO
1
2
10
9
8
7
6
0.1
μF
1
μF
0.1
μF
3
4
5
Top View
VDDIO
VDDIO
1 k
Ω
1 k
Ω
Note: 4.7 k
Ω Pullup resistors on INT1/INT2 can be added for open-drain operation.
0.1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com