Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 18 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 14Page - NXP Semiconductors MMA8652FC Datasheet HTML 15Page - NXP Semiconductors MMA8652FC Datasheet HTML 16Page - NXP Semiconductors MMA8652FC Datasheet HTML 17Page - NXP Semiconductors MMA8652FC Datasheet HTML 18Page - NXP Semiconductors MMA8652FC Datasheet HTML 19Page - NXP Semiconductors MMA8652FC Datasheet HTML 20Page - NXP Semiconductors MMA8652FC Datasheet HTML 21Page - NXP Semiconductors MMA8652FC Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
MMA8652FC
Sensors
18
Freescale Semiconductor, Inc.
5.10
Interrupt register configurations
There are seven configurable interrupts in the MMA8652FC: Data Ready, Motion/Freefall, Tap (Pulse), Orientation, Transient,
FIFO events, and Auto-SLEEP events.
Figure 9. System interrupt generation
•
The MMA8652FC features an interrupt signal that indicates when a new set of measured acceleration data is available, thus
simplifying data synchronization in the digital system that uses the device.
•
The MMA8652FC may also be configured to generate other interrupt signals accordingly, to the programmable embedded
functions of the device for Motion, Freefall, Transient, Orientation, and Tap.
5.11
Serial I2C interface
Acceleration data may be accessed through an I2C interface, thus making the device particularly suitable for direct interfacing to
a microcontroller. The acceleration data and configuration registers embedded inside the MMA8652FC are accessed through the
I2C serial interface (Table 10).
•
To enable the I2C interface, VDDIO line must be tied high (to the interface supply voltage). If VDD is not present and VDDIO
is present, then the MMA8652FC is in OFF mode—and communications on the I2C interface are ignored.
•The I2C interface may be used for communications between other I2C devices; the MMA8652FC does not affect the I2C bus.
The I2C interface is compliant with Fast mode (400 kHz), and Normal mode (100 kHz) I2C standards (Table 11).
I2C operation:
1.
The transaction on the bus is started through a start condition (START) signal. A START condition is defined as a high-to-
low transition on the data line while the SCL line is held high. After START has been transmitted by the Master, the bus is
considered busy.
2.
The next byte of data transmitted after START contains the slave address in the first seven bits. The eighth bit tells
whether the Master is receiving data from the slave or is transmitting data to the slave.
3.
After a start condition and when an address is sent, each device in the system compares the first seven bits with its
address. If the device’s address matches the sent address, then the device considers itself addressed by the Master.
Table 10. Serial Interface pins
Pin Name
Pin Description
Notes
SCL
I2C Serial Clock
There are two signals associated with the I2C bus; the Serial Clock Line (SCL) and the
Serial Data line (SDA).
• SDA is a bidirectional line used for sending and receiving the data to/from the interface.
• External pullup resistors connected to VDDIO are expected for SDA and SCL. When the bus
is free, both SCL and SDA lines are high.
SDA
I2C Serial Data
Interrupt
Controller
Data Ready
Motion/Freefall
Tap (Pulse)
Orientation
Transient
FIFO
Auto-SLEEP
INT ENABLE
INT CFG
INT1
INT2
77
Configurable interrupts
These seven interrupt sources can be
routed to one of two interrupt pins.
The interrupt source must be enabled
and configured.
If the event flag is asserted because
the event condition is detected, then
the corresponding interrupt pin (INT1
or INT2) will assert.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com