Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 4Page - NXP Semiconductors MMA8652FC Datasheet HTML 5Page - NXP Semiconductors MMA8652FC Datasheet HTML 6Page - NXP Semiconductors MMA8652FC Datasheet HTML 7Page - NXP Semiconductors MMA8652FC Datasheet HTML 8Page - NXP Semiconductors MMA8652FC Datasheet HTML 9Page - NXP Semiconductors MMA8652FC Datasheet HTML 10Page - NXP Semiconductors MMA8652FC Datasheet HTML 11Page - NXP Semiconductors MMA8652FC Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
MMA8652FC
Sensors
8
Freescale Semiconductor, Inc.
2.2
Mechanical characteristics
Table 4. Mechanical characteristics at VDD = 2.5 V, VDDIO = 1.8 V, TA = 25°C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Full-Scale measurement range
FS
FS[1:0] set to 00
±2 g mode
±2
g
FS[1:0] set to 01
±4 g mode
±4
FS[1:0] set to 10
±8 g mode
±8
Sensitivity
So
FS[1:0] set to 00
±2 g mode
1024
LSB/g
FS[1:0] set to 01
±4 g mode
512
FS[1:0] set to 10
±8 g mode
256
Sensitivity accuracy
Soa
±2.5
%
Sensitivity change vs. temperature
TCS
–40°C to 85°C
±0.0074
%/°C
Zero-g level offset accuracy (1)
TyOff
±25
mg
Zero-g level offset accuracy,
post-board mount (2)
TyOffPBM
±33.5
mg
Zero-g level change vs. temperature
TCO
–40°C to 85°C
±0.27
mg/°C
Self-Test output change (±2 g mode)
STOC
x+90
LSB
y+104
z
+782
ODR accuracy
ODRa
±3.1
%
Output data bandwidth
BW
ODR/3
ODR/2
Hz
Output noise
RMS
Normal mode ODR = 400 Hz
182
µg/
√Hz
Operating temperature range
TAGOC
–40
85
°C
1. Before board mount.
2. Post-board mount offset specifications are based on an 8-layer PCB, relative to 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com