Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 30 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 26Page - NXP Semiconductors MMA8652FC Datasheet HTML 27Page - NXP Semiconductors MMA8652FC Datasheet HTML 28Page - NXP Semiconductors MMA8652FC Datasheet HTML 29Page - NXP Semiconductors MMA8652FC Datasheet HTML 30Page - NXP Semiconductors MMA8652FC Datasheet HTML 31Page - NXP Semiconductors MMA8652FC Datasheet HTML 32Page - NXP Semiconductors MMA8652FC Datasheet HTML 33Page - NXP Semiconductors MMA8652FC Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
MMA8652FC
Sensors
30
Freescale Semiconductor, Inc.
6.5.3
0x0D: WHO_AM_I Device ID register
The device identification register identifies the part. The default value is 0x4A (for MMA8652FC).
This value is programmed by Freescale before the part leaves the factory. For custom alternate values, contact Freescale.
Table 26. INT_SOURCE register
Bit(s)
Field
Description
7
SRC_ASLP
Auto-SLEEP/WAKE interrupt status bit
• WAKE-to-SLEEP transition occurs when no interrupt occurs for a time period that exceeds the user-
specified limit (ASLP_COUNT). This causes the system to transition to a user-specified low ODR setting.
• SLEEP-to-WAKE transition occurs when the user-specified interrupt event has woken the system; thus
causing the system to transition to a user-specified high ODR setting.
• Reading the SYSMOD register clears the SRC_ASLP bit.
1 An interrupt event that can cause a WAKE-to-SLEEP or SLEEP-to-WAKE system mode transition has
occurred.
0 No WAKE-to-SLEEP or SLEEP-to-WAKE system mode transition interrupt event has occurred. (default)
6
SRC_FIFO
FIFO interrupt status bit
• FIFO interrupt event generators: FIFO Overflow, or (Watermark: F_CNT = F_WMRK) and the interrupt has
been enabled.
• SRC_FIFO bit is cleared by reading the F_STATUS register.
1 A FIFO interrupt event (such as an overflow event or watermark) has occurred.
0 No FIFO interrupt event has occurred. (default)
5
SRC_TRANS
Transient interrupt status bit
• SRC_TRANS bit is asserted whenever the EA bit (TRANS_SRC register) is asserted and the interrupt has
been enabled.
• SRC_TRANS bit is cleared by reading the TRANS_SRC register.
1An acceleration transient value greater than user-specified threshold has occurred.
0 No transient event has occurred. (default)
4
SRC_LNDPRT
Landscape/Portrait Orientation interrupt status bit
• SRC_LNDPRT bit is asserted whenever the NEWLP bit (PL_STATUS register) is asserted and the interrupt
has been enabled.
• SRC_LNDPRT bit is cleared by reading the PL_STATUS register.
1 An interrupt was generated due to a change in the device orientation status.
0 No change in orientation status was detected. (default)
3
SRC_PULSE
Pulse interrupt status bit
• SRC_PULSE bit is asserted whenever the EA bit (PULSE_SRC register) is asserted and the interrupt has
been enabled.
• SRC_PULSE bit is cleared by reading the PULSE_SRC register.
1 An interrupt was generated due to single and/or double pulse event.
0 No pulse event was detected. (default)
2
SRC_FF_MT
Freefall/Motion interrupt status bit
• SRC_FF_MT bit is asserted whenever the EA bit (FF_MT_SRC register) is asserted and the FF_MT
interrupt has been enabled.
• SRC_FF_MT bit is cleared by reading the FF_MT_SRC register.
1 The Freefall/Motion function interrupt is active.
0 No Freefall or Motion event was detected. (default)
1
—
Could be 1 or 0.
0
SRC_DRDY
Data Ready Interrupt bit status bit
• SRC_DRDY bit is asserted when the ZYXOW and/or ZYXDR bit is set and the interrupt has been enabled.
• SRC_DRDY bit is cleared by reading the X, Y, and Z data.
1 The X, Y, Z data ready interrupt is active (indicating the presence of new data and/or data overrun).
0 The X, Y, Z interrupt is not active. (default)
Table 27. 0x0D: WHO_AM_I Device ID register (Read-Only)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
100
1
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com