Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 112 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 112 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 108Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 109Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 110Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 111Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 112Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 113Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 114Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 115Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 116Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
112
H5GQ2H24AFR
 5.17. POWER‐DOWN
GDDR5 SGRAMs requires CKE# to be LOW at all times an access is in progress: from the issuing of a 
READ or WRITE command until completion of the burst. For READs, a burst completion is defined as 
when the last data element including CRC has been transmitted on the DQ outputs, for WRITEs, a burst 
completion is defined as when the last data element has been written to the memory array and CRC data 
has been returned to the controller.
POWER‐DOWN is entered when CKE# is registered HIGH. If POWER‐DOWN occurs when all banks are 
idle, this mode is referred to as precharge POWER‐DOWN; if POWER‐DOWN occurs when there is a row 
active in any bank, this mode is referred to as active POWER‐DOWN. Entering POWER‐DOWN deacti‐
vates the input and output buffers, excluding CK, CK#, WCK, WCK#, RESET#, EDC pins and CKE#. The 
input buffers for WCK and WCK# can be turned off if the LP2 bit in MR5 is on. 
For maximum power savings, the user has the option of disabling the PLL prior to entering POWER‐
DOWN. In that case, on exiting POWER‐DOWN, WCK2CK training is required to set the internal synchro‐
nizers which will include the enabling of the PLL, PLL reset, and tLK clock cycles must occur before any 
READ or WRITE command can be issued. 
While in power‐down, CKE# HIGH and stable CK and WCK signals must be maintained at the device 
inputs. The EDC pins continuously drive the EDC hold pattern; if the controller does not require CDR, 
users may program the EDC hold pattern to ’1111’ prior to entering power‐down mode. POWER‐DOWN 
duration is limited by the refresh requirements of the device.
The POWER‐DOWN state is synchronously exited when CKE# is registered LOW (in conjunction with a 
NOP or DESELECT command). A valid executable command may be applied tXPN cycles later. The min. 
power‐down duration is specified by tPD.
Figure 75. Power-Down Entry and Exit
Note:
CK#
CK
CMD
PDE
NOP
T0
T1
T2
T3
Tb0
Ta1
Ta2
PDX
Valid
NOP
tCPDED
CKE#
NOP
tPD
Enter Power‐Down Mode
Exit Power‐Down Mode
tXPN
tRDSRE or tWRSRE
WCK
WCK#
NOP
T4
Ta0
Donʹt Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com