Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 115 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 115 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 111Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 112Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 113Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 114Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 115Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 116Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 117Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 118Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 119Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
115
H5GQ2H24AFR
9.  Reads or Writes listed in the Command/Action column include Reads or Writes with auto precharge enabled and Reads or Writes 
with auto precharge disabled.
10.  A WRITE command may be applied after the completion of the READ burst
Notes
1.  This table applies when CKE#n‐1 was LOW and CKE#n is LOW (see <Link>Table 30) and after tXSNR has been met (if the previous 
state was self refresh).
2.  WRITE in this table refers to both WOM/WOMA, WSM/WSMA and WDM/WDMA commands
3.  This table describes alternate bank operation, except where noted (i.e., the current state is for bank n and the commands shown are 
those allowed to be issued to bank m, assuming that bank m is in such a state that the given command is allowable). Exceptions 
are covered in the notes below. 
4.  Current state definitions:
Idle: The bank has been precharged, and tRP has been met.
Row Active: A row in the bank has been activated, and tRCD has been met. No data bursts/accesses and no register accesses are 
in progress.
Read: A READ burst has been initiated, with auto precharge disabled.
Write: A WRITE burst has been initiated, with auto precharge disabled.
Read with Auto Precharge Enabled: See following text
Write with Auto Precharge Enabled: See following text
Table 31  Truth Table – Current State Bank n – Command To Bank m
CURRENT 
STATE
CS#
RAS#
CAS#
WE#
COMMAND/ACTION
NOTES
Any
H
X
X
X
DESELECT (NOP/continue previous operation)
LH
H
H
NO OPERATION (NOP/continue previous operation)
Idle
X
X
X
X
Any Command Otherwise Allowed to Bank m
Row Activating, 
Active, or 
Precharging
LL
H
H
ACTIVE (select and activate row)
LH
L
H
READ (select column and start READ burst)
6
LH
L
L
WRITE (select column and start WRITE burst)
(WOM, WSM or WDM)
6
LL
H
L
PRECHARGE
Read 
(Auto Precharge 
Disabled)
LL
H
H
ACTIVE (select and activate row)
LH
L
H
READ (select column and start new READ burst)
6
LH
L
L
WRITE (select column and start WRITE burst)
(WOM, WSM or WDM)
6
LL
H
L
PRECHARGE
Write 
(Auto Precharge 
Disabled)
LL
H
H
ACTIVE (select and activate row)
LH
L
H
READ (select column and start READ burst)
6, 7
LH
L
L
WRITE (select column and start new WRITE burst)
(WOM, WSM or WDM)
6
LL
H
L
PRECHARGE
Read 
(With Auto 
Precharge)
LL
H
H
ACTIVE (select and activate row)
LH
L
H
READ (select column and start new READ burst)
6
LH
L
L
WRITE (select column and start WRITE burst)
(WOM, WSM or WDM)
6
LL
H
L
PRECHARGE
Write 
(With Auto 
Precharge)
LL
H
H
ACTIVE (select and activate row)
LH
L
H
READ (select column and start READ burst)
6
LH
L
L
WRITE (select column and start new WRITE burst)
(WOM, WSM or WDM)
6
LL
H
L
PRECHARGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com