Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 119 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 119 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 115Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 116Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 117Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 118Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 119Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 120Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 121Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 122Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 123Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
119
H5GQ2H24AFR
 5.20. CLOCK FREQUENCY CHANGE SEQUENCE
Step 1) Wait until all commands have finished, all banks are idle.
Step 2) Send NOP or DESELECT (must meet setup/hold relative to clock while clock is changing) to 
GDDR5 SGRAM for the entire sequence unless stated to do otherwise. The user must take care of refresh 
requirements.
Step 3) If the new desired clock frequency is below the min frequency supported by PLL‐on mode, turn the 
PLL off via an MRS command.
Step 4) Change the clock frequency and wait until clock is stabilized.
Step 5) If the new clock frequency is within the PLL on range and the PLL on state is desired, enable the 
PLL via an MRS Command if it is not already enabled.
Step 6) Perform address training if required.
Step 7) Perform WCK2CK training. As defined in the WCK2CK training process, if the PLL is enabled, 
then complete steps 7a and 7b: 
7a) Reset the PLL by writing to the MRS register.
7b) Wait tLK clock cycles before issuing any commands to the GDDR5 SGRAM.
Step 8) Exit WCK2CK training.
Step 9) Perform READ and WRITE training, if required.
Step 10) GDDR5 SGRAM is ready for normal operation after any necessary interface training.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com