Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 117 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 117 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 113Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 114Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 115Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 116Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 117Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 118Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 119Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 120Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 121Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
117
H5GQ2H24AFR
 5.19. RDQS MODE
For device operation at lower clock frequencies the GDDR5 SGRAM may be set into RDQS mode in which 
a READ DATA STROBE (RDQS) in the style of GDDR4 will be sent on the EDC pins along with the READ 
data. The controller will use the RDQS to latch the READ data. 
RDQS mode is entered by setting the RDQS Mode bit A5 in Mode Register 3 (MR3). When the bit is set, the 
GDDR5 SGRAM will asynchronously terminate any EDC hold pattern and drive a logic HIGH after tMRD 
at the latest. All features controlled by MR4 are ignored by RDQS mode.
READ commands are executed as in normal mode regarding command to data out delay and pro‐
grammed READ latencies. A fixed clock‐like pattern as shown in Figure 76 is driven on EDC pins in phase 
(edge aligned) with the DQ. Prior to the first valid data element, this fixed clock‐like pattern or READ pre‐
amble is driven for 2 tWCK.
No CRC is calculated in RDQS mode, neither for READs nor for WRITEs. The CRC engine is effectively 
disabled, and the corresponding WRCRC and RDCRC Mode Register bits are ignored. The PLL may be on 
or off with RDQS mode, depending on system considerations and the PLL’s minimum clock frequency.
There is no equivalent WDQS mode; WRITE commands to the GDDR5 SGRAM are not affected by RDQS 
mode.
RDQS mode is exited by resetting the RDQS Mode bit. In this case the GDDR5 SGRAM will asynchro‐
nously start driving the EDC hold pattern after tMRD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com