Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 120 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 120 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 116Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 117Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 118Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 119Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 120Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 121Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 122Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 123Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 124Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
120
H5GQ2H24AFR
 5.21. DYNAMIC VOLTAGE SWITCHING (DVS)
GDDR5 SGRAM’s allow the supply voltage to be changed during the course of normal operation using the 
GDDR5 Dynamic Voltage Switching (DVS) feature.  By using DVS the GDDR5 SGRAM’s power consump‐
tion can be reduced whenever only a fraction of the maximum available bandwidth is required by the cur‐
rent work load. 
DVS requires the GDDR5 SGRAM to be properly placed into self refresh before the voltage is changed 
from the exising stable voltage, Voriginal to the new desired voltage Vnew . The DVS procedure may also 
require changes to the VDD Range mode register using MR7 bits A8 and A9, depending on whether the 
feature is supported. The  datasheet shall be consulted regarding the supported supply voltages for DVS, 
and any dependencies of AC timing parameters on the selected supply voltage.
Clock frequency changes can also take place before or after entering self refresh mode using the standard 
Clock Frequency Change procedure. A clock frequency change in conjunction with DVS is required if tCK 
is less than tCKmin supported by Vnew . In this case normal device operation including self refresh exit is 
not guaranteed without a frequency change. Changing the frequency while in self refresh is the most safe 
procedure.
Once self refresh is entered, tCKSRE must be met before the supply voltage is allowed to transition from 
Voriginal to Vnew. After VDD and VDDQ are stable at Vnew, tVS must be met to allow for internal voltages 
in the GDDR5 SGRAM to stabilize before self refresh mode may be exited. During the voltage transition 
the voltage must not go below  Vmin of the lower voltage of either Voriginal or Vnew in order to prevent false 
chip reset.  Vmin is the minimum voltage allowed by VDD or VDDQ in the DC operating conditions table. 
VREF shall continue to track VDDQ.
DVS Procedure
Step 1) Complete all operations and precharge all banks.
Step 2) Issue an MRS command to set VDD Range to proper values for Vnew.  This step is only required when the VDD 
Range mode register field is supported by the GDDR5 SGRAM. 
Step 3) Enter self refresh mode.  Self refresh entry procedure must be met.
Step 4) Wait required time tCKSRE before changing voltage to Vnew.
Step 5) Change VDD and VDDQ to Vnew.
Step 6) Wait required time tVS for voltage stabilization.
Step 7) Exit self refresh. The self refresh exit procedure must be met.
Step 8) Issue MRS commands to adjust mode register settings as desired (e.g. latencies, PLL on/off, CRC on/off, RDQS 
mode on/off).
Step 9) Perform any interface training as required.
Step 10) Continue normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com