Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 122 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 122 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 118Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 119Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 120Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 121Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 122Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 123Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 124Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 125Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 126Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
122
H5GQ2H24AFR
 5.22. TEMPERATURE SENSOR
GDDR5 SGRAMs incorporate a  with digital temperature readout function. This function allows the con‐
troller to monitor the GDDR5 SGRAM die’s junction temperature and use this information to make sure 
the device is operated within the specified temperature range or to adjust interface timings relative to tem‐
perature changes over time.
The  is enabled by bit A6 in Mode Register 7 (MR7). In this case the temperature readout is valid after 
tTSEN. Hynix applies 10us to tTSEN.
The temperature readout uses the DRAM Info mode feature. The digital value is driven asynchronously 
on the DQ bus following the MRS command to Mode Register 3 (MR3) that sets bit A7 to 1 and bit A6 to 0. 
The temperature readout will be continuously driven until an MRS command sets both bits to 0. 
The GDDR5 SGRAM’s junction temperature is linearly encoded as shown in Table 34. Hynix has the read‐
out to a subset of four digital codes out of Table 34, corresponding to six temperature thresholds. 
Table 34   Readout Pattern
Temperature [°C]
Binary Temperature Readout
MF=0:
MF=1:
DQ[3:0]
DQ[27:24]
< 45
0001
65
0011
85
0111
> 105
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com