Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 126 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 126 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 122Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 123Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 124Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 125Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 126Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 127Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 128Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 129Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 130Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
126
H5GQ2H24AFR
Notes: 
1.  Measurement procedures for each parameter must follow standard procedures defined in the current JEDEC JESD‐51 standard.
2.  Theta_JA and Theta_JB must be measured with the high effective thermal conductivity test board defined in JESD51‐7.
3.  Airflow information must be documented for Theta_JA.
4.  Theta_JA  should only be used for comparing the thermal performance of single package and not for system related junction 
temperature prediction.
5.  Theta_JB and Theta_JC are derived through a package thermal simulation.
6.  Values are guaranteed by design but not tested in production.
     
Notes : DRAM Component Operating Temperature Range
                                                                     
Symbol
Parameter 
Rating
Units
Notes
 TOPER
 Normal Operating Temperature Range
0 to 85
oC 
1,2
Notes:
1. Operating Temperature TOPER is the case surface temperature on the center / top side of the DRAM. For measurement condi‐
tions, please refer to the JEDEC document JESD51‐2.
2. The Normal Temperature Range specifies the temperatures where all DRAM specifications will be supported. During operation, 
the DRAM case temperature must be maintained between 0 ‐ 85oC under all operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com