Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 127 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 127 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 123Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 124Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 125Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 126Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 127Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 128Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 129Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 130Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 131Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
127
H5GQ2H24AFR
 6.2. AC & DC CHARACTERISTICS
All GDDR5 SGRAMs are designed for 1.5V typical voltage supplies. The interface of GDDR5 with 
1.5V VDDQ will follow the POD15 specification. All AC and DC values are measured at the ball. 
GDDR5  can  optionally  support  1.35V  typical  voltage  supplies.  For  high  speed  operation  the 
POD135 spec should be met. Under certain circumstances it may be acceptable for a device during 1.35V 
VDD/VDDQ operation to follow the POD15 specification since GDDR5 supports a wide range of speeds 
and low frequency settings. Vendor datasheets should be consulted for details regarding 1.35V support. 
Notes: 
1.  GDDR5 SGRAMs are designed to tolerate PCB designs with separate VDD and VDDQ power regulators.
Table 39 DC Operating Conditions
POD15
POD135
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit Note
Device Supply Voltage
VDD
1.455
1.5
1.545
1.3095
1.35
1.3905
V
1
Output Supply Voltage
VDDQ
1.455
1.5
1.545
1.3095
1.35
1.3905
V
1
Reference Voltage for DQ and 
DBI# pins
VREFD
0.69 * 
VDDQ
0.71 * 
VDDQ
0.69 * 
VDDQ
0.71 * 
VDDQ
V2,3
Reference Voltage for DQ and 
DBI# pins
VREFD2
0.49 * 
VDDQ
0.51 * 
VDDQ
0.49 * 
VDDQ
0.51 * 
VDDQ
V
2,3,4
External Reference Voltage for 
address and command
VREFC
0.69 * 
VDDQ
0.71 * 
VDDQ
0.69 * 
VDDQ
0.71 * 
VDDQ
V5
DC Input Logic HIGH Voltage for 
address and command
VIHA (DC)
VREFC + 
0.15
VREFC + 
0.135
V
DC Input Logic LOW Voltage for 
address and command
VILA (DC)
VREFC ‐ 
0.15
VREFC ‐ 
0.135
V
DC Input Logic HIGH Voltage for 
DQ and DBI# pins with VREFD
VIHD (DC)
VREFD + 
0.10
VREFD + 
0.09
V
DC Input Logic LOW Voltage for 
DQ and DBI# pins with VREFD
VILD (DC)
VREFD ‐ 
0.10
VREFD ‐ 
0.09
V
DC Input Logic HIGH Voltage for 
DQ and DBI# pins with VREFD2
VIHD2 
(DC)
VREFD2 + 
0.30
VREFD2 + 
0.27
V
DC Input Logic LOW Voltage for 
DQ and DBI# pins with VREFD2
VILD2 
(DC)
VREFD2 ‐ 
0.30
VREFD2 ‐ 
0.27
V
Input Logic HIGH Voltage for 
RESET#, SEN, MF
VIHR
VDDQ ‐ 
0.50
VDDQ ‐ 
0.50
V
Input Logic LOW Voltage for 
RESET#, SEN, MF
VILR
0.30
0.30
V
Input logic HIGH voltage for 
EDC1/2 (x16 mode detect)
VIHX
VDDQ ‐ 0.3 
VDDQ ‐ 
0.3 
V
8
Input logic LOW voltage for 
EDC1/2 (x16 mode detect)
VILX
0.30
0.30
V
8
Input Leakage Current
Any Input 0V <=  VIN <= VDDQ
(All other pins not under test = 0V) 
Il
10
10
μA
Output Leakage Current 
(DQs are disabled; 0V <= Vout <= 
VDDQ)
Ioz
10
10
μA
Output Logic LOW Voltage
VOL (DC)
0.62
0.56
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com