Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 123 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 123 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 119Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 120Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 121Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 122Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 123Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 124Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 125Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 126Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 127Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
123
H5GQ2H24AFR
 5.23. DUTY CYCLE CORRECTOR (DCC)
As GDDR5 SGRAMs can operate with the PLL/DLL off during normal operation, the use of a Duty Cycle 
Corrector (DCC) can correct for the duty cycle error of the WCK clocks, resulting in improved timing mar‐
gins for Reads and Writes. The DCC can be enabled at any time; however it is recommended to enable the 
DCC prior to WCK2CK training because any shift of rising and falling WCK edges can impact the 
WCK2CK training results.
DCC operation is controlled by MR7 bits A11 and A10. Initially a “DCC reset” command will reset the 
internal correcting code. After tMRD a “DCC start” command may be given which starts the actual duty 
cycle correction. The DCC must be held in this state for a minimum duration of tDCC. After tDCC is met, a 
DCC hold can be set to terminate the duty cycle correction and hold the DCC code or the DCC can be left 
on to dynamically correct the duty cycle. Disabling the DCC requires a series of two MRS command: at 
first, a “DCC reset” resets the internal correcting code, then a “DCC off” will fully disable the DCC. The 
DCC may also be fully disabled in the “DCC reset” state, depending on design implementation. 
DCC can correct the duty cycle error within the range of ±100ps.
Figure 78. Timing Diagram of DCC Control Signals
Table 35  DCC Timings
Parameter
Symbol
Min
Max
Unit
Required time for duty cycle corrector
tDCC
1300
‐
tCK
Training
PLL Reset
DCC start
DCC hold or not 
      
Enter WCK2CK
Training (reset WCK
divide by circuits)
Enter WCK2CK
Training (sets data
synchronizers, resets
FIFO pointers) 
WCK#
WCK
CK#
CK
CMD
NOP
MRS
MRS
MRS
NOP
MRS
NOP
NOP
MRS
A.C.
tWCK2MRS
tMRD
tWCK2TR
tDCC
tLK
tMRD
Start WCK2CK Phase
            DCC reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com