Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 129 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 129 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 125Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 126Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 127Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 128Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 129Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 130Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 131Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 132Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 133Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
129
H5GQ2H24AFR
Table 40 AC Operating Conditions
POD15
Parameter
Symbol
Min
Typ
Max
Unit
Note
AC Input Logic HIGH Voltage for 
address and command
VIHA (AC)
VREFC + 0.20
V
AC Input Logic LOW Voltage for 
address and command
VILA (AC)
VREFC ‐ 0.20
V
AC Input Logic HIGH Voltage for 
DQ and DBI# pins with VREFD
VIHD (AC)
VREFD + 0.15
V
AC Input Logic LOW Voltage for 
DQ and DBI# pins with VREFD
VILD (AC)
VREFD ‐ 0.15
V
AC Input Logic HIGH Voltage for 
DQ and DBI# pins with VREFD2
VIHD2 (AC)
VREFD2 + 0.40
V
AC Input Logic LOW Voltage for 
DQ and DBI# pins with VREFD2
VILD2 (AC)
VREFD2 ‐ 0.40
V
VIL (AC)
VIL (DC)
VREF ‐ AC Noise
VREF ‐ DC Noise
VREF + DC Noise
VREF + AC Noise
VIH (DC)
VIH (AC)
VOH
VIN (AC) ‐ Provides margin
between VOL (MAX) and
VIL (AC)
VDDQ
VOL (MAX)
System Noise Margin (Power/Ground, 
Crosstalk, Signal Integrity Attenuation)
Note: VREF, VIH, VIL refer to
whichever VREFxx (VREFD, 
VREFD2, or VREFC) is being used. 
Output
Input
Figure 79. Voltage Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com