Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 133 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 133 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 129Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 130Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 131Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 132Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 133Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 134Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 135Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 136Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 137Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
133
H5GQ2H24AFR
NOTE: Min 
tRC or tRFC for IDD measurements is the smallest multiple of tCK that meets the minimum of the absolute value for the 
respective parameter. 
Common Test conditions:
1) 
Device is configured to x32 mode
2) 
ABI and DBI are enabled
3) 
All ODTs are enabled with ZQ/2
4)  PLLs are enabled unless otherwise noted
5) 
CRC is enabled for READs and WRITEs, and the EDC hold pattern is programmed to’1010’
6) 
Bank groups are enabled if required for device operation at tCK(min)
Table 42. IDD Specification and Test Condition
PARAMETER/CONDITION
SYMBOL
NOTES
One Bank Activate Precharge Current: tCK = tCK(min); tWCK = tWCK(min); tRC = tRC(min); CKE# = 
LOW; DQ, DBI# are HIGH; random bank and row addresses (4 address inputs set LOW) with ACT 
command
IDD0
1
One Bank Activate Read Precharge Current: tCK = tCK (min); tWCK = tWCK(min); 
tRC = tRC(min); CKE# = LOW; one bank activated; single read burst with 50% data toggle on each data 
transfer, with 4 outputs per data byte driven LOW; otherwise DQ, DBI# are HIGH; random bank, row 
and column addresses (4 address inputs set LOW) with ACT and READ commands; IOUT = 0mA
IDD1
1
Precharge Power‐down Current: tCK = tCK (min); tWCK = tWCK(min); all banks idle; 
CKE# = HIGH; all other inputs are HIGH; PLLs are off
IDD2P
Precharge Standby Current: tCK = tCK (min); tWCK = tWCK(min); all banks idle; 
CKE# = LOW; all other inputs are HIGH
IDD2N
Active Power‐down Current: tCK = tCK (min); tWCK = tWCK(min); one bank active; 
CKE# = HIGH; all other inputs are HIGH
IDD3P
Active Standby Current: tCK = tCK (min); tWCK = tWCK(min); one bank active; 
CKE# = LOW; all other inputs are HIGH
IDD3N
Read Burst Current: tCK = tCK (min); tWCK = tWCK(min); CKE# = LOW; one bank in each of the 4 bank 
groups activated; continuous read burst across bank groups with 50% data toggle on each data 
transfer, with 4 outputs per data byte driven LOW; random bank and column addresses (4 address 
inputs set LOW) with READ command; IOUT = 0mA
IDD4R
Write Burst Current: tCK = tCK (min); tWCK = tWCK(min); CKE# = LOW; one bank in each of the 4 bank 
groups activated; continuous write burst across bank groups with 50% data toggle on each data 
transfer, with 4 inputs per data byte set LOW; random bank and column addresses (4 address inputs 
set LOW) with WRITE command; no data mask
IDD4W
Refresh Current: tCK = tCK (min); tWCK = tWCK(min); tRFC = tRFC(min); CKE# = LOW; 
DQ, DBI# are HIGH; address inputs are HIGH
IDD5
1
Self Refresh Current: CKE# = HIGH; all other inputs are HIGH
IDD6
Four Bank Interleave Read Current: tCK = tCK(min); tWCK = tWCK(min); CKE# = LOW; 
one bank in each of the 4 bank groups activated and precharged at tRC(min); continuous read burst 
across bank groups with 50% data toggle on each data transfer, with 4 outputs per data byte driven 
LOW; random bank, row and column addresses (4 address inputs set LOW) with ACT and READ/
READA commands; IOUT = 0mA 
IDD7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com