Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 134 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 134 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 130Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 131Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 132Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 133Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 134Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 135Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 136Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 137Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 138Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
134
H5GQ2H24AFR
Table 43‐1. IDD SPECIFICATIONS AND CONDITIONS (1.5V)
Symbol
4.0Gbps
5.0Gbps
6.0Gbps
Units
IDD0
400
440
480
mA
IDD1
420
460
500
mA
IDD2P
140
150
160
mA
IDD2N
150
160
180
mA
IDD3P
170
180
190
mA
IDD3N
400
440
480
mA
IDD4W
800
950
1100
mA
IDD4R
960
1120
1300
mA
IDD5
410
450
500
mA
IDD6
50
50
50
mA
IDD7
700
800
900
mA
Symbol
4.0Gbps
5.0Gbps
6.0Gbps
Units
IDD0
280
300
320
mA
IDD1
300
320
340
mA
IDD2P
110
120
130
mA
IDD2N
130
140
150
mA
IDD3P
140
150
160
mA
IDD3N
260
290
320
mA
IDD4W
500
580
660
mA
IDD4R
550
660
780
mA
IDD5
270
300
330
mA
IDD6
50
50
50
mA
IDD7
490
570
650
mA
1.×32 Mode IDD
2.×16 Mode IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com