Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 135 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 135 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 131Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 132Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 133Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 134Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 135Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 136Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 137Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 138Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 139Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
135
H5GQ2H24AFR
Table 43‐2. IDD SPECIFICATIONS AND CONDITIONS (1.35V)
Symbol
4.0Gbps
5.0Gbps
Units
IDD0
340
380
mA
IDD1
360
400
mA
IDD2P
130
140
mA
IDD2N
140
150
mA
IDD3P
150
160
mA
IDD3N
350
390
mA
IDD4W
700
800
mA
IDD4R
830
950
mA
IDD5
360
400
mA
IDD6
40
40
mA
IDD7
600
680
mA
Symbol
4.0Gbps
5.0Gbps
Units
IDD0
250
270
mA
IDD1
260
280
mA
IDD2P
100
110
mA
IDD2N
110
120
mA
IDD3P
120
130
mA
IDD3N
220
240
mA
IDD4W
440
500
mA
IDD4R
500
560
mA
IDD5
240
250
mA
IDD6
40
40
mA
IDD7
450
530
mA
1.×32 Mode IDD
2.×16 Mode IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com